Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F1934-E/SS Datasheet(PDF) 133 Page - Microchip Technology

Part # PIC16F1934-E/SS
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1934-E/SS Datasheet(HTML) 133 Page - Microchip Technology

Back Button PIC16F1934-E/SS Datasheet HTML 129Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 130Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 131Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 132Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 133Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 134Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 135Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 136Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 137Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 418 page
background image
© 2008 Microchip Technology Inc.
Preliminary
DS41364A-page 131
PIC16F193X/LF193X
11.0
ANALOG-TO-DIGITAL
CONVERTER (ADC) MODULE
The
Analog-to-Digital
Converter
(ADC)
allows
conversion of an analog input signal to a 10-bit binary
representation of that signal. This device uses analog
inputs, which are multiplexed into a single sample and
hold circuit. The output of the sample and hold is
connected to the input of the converter. The converter
generates a 10-bit binary result via successive
approximation and stores the conversion result into the
ADC result register (ADRES). Figure 11-1 shows the
block diagram of the ADC.
The ADC voltage reference is software selectable to be
either internally generated or externally supplied.
The ADC can generate an interrupt upon completion of
a conversion. This interrupt can be used to wake-up the
device from Sleep.
FIGURE 11-1:
ADC BLOCK DIAGRAM
DAC(2)
AVDD
VREF+
ADPREF = 10
ADPREF = 0X
ADPREF = 11
Temp Sens
FVR Buffer1
AVSS
VREF-
ADNREF = 1
ADNREF = 0
Note
1:
When ADON = 0, all multiplexer inputs are disconnected.
2:
See Section 10.0 “Fixed Voltage Reference” for more information.
ADON
GO/DONE
VSS
ADC
00000
00001
00010
00011
00100
00101
00111
00110
01000
01001
01010
01011
01100
01101
11101
11110
CHS<4:0>
AN0
AN1
AN2
AN4
AN5
AN6
AN7
AN3
AN8
AN9
AN10
AN11
AN12
AN13
11111
ADRESH
ADRESL
10
16
ADFM
0
= Left Justify
1
= Right Justify



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com