Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F1934-E/SS Datasheet(PDF) 189 Page - Microchip Technology

Part # PIC16F1934-E/SS
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1934-E/SS Datasheet(HTML) 189 Page - Microchip Technology

Back Button PIC16F1934-E/SS Datasheet HTML 185Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 186Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 187Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 188Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 189Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 190Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 191Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 192Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 193Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 418 page
background image
© 2008 Microchip Technology Inc.
Preliminary
DS41364A-page 187
PIC16F193X/LF193X
19.3
Capture Mode
In Capture mode, the CCPRxH, CCPRxL register pair
captures the 16-bit value of the TMR1 register when an
event occurs on pin CCPx. An event is defined as one
of the following and is configured by the CCPxM<3:0>
bits of the CCPxCON register:
• Every falling edge
• Every rising edge
• Every 4th rising edge
• Every 16th rising edge
When a capture is made, the Interrupt Request Flag bit
CCPxIF of the PIRx register is set. The interrupt flag
must be cleared in software. If another capture occurs
before the value in the CCPRxH, CCPRxL register pair
is read, the old captured value is overwritten by the new
captured value (see Figure 19-1).
19.3.1
CCPX PIN CONFIGURATION
In Capture mode, the CCPx pin should be configured
as an input by setting the associated TRIS control bit.
Also, the CCPx pin function can be moved to
alternative pins using the APFCON register. Refer to
Section 6.1 “Alternate Pin Function” for more
details.
FIGURE 19-1:
CAPTURE MODE
OPERATION BLOCK
DIAGRAM
19.3.2
TIMER1 MODE SELECTION
Timer1 must be running in Timer mode or Synchronized
Counter mode for the CCP module to use the capture
feature. In Asynchronous Counter mode, the capture
operation may not work.
19.3.3
SOFTWARE INTERRUPT MODE
When the Capture mode is changed, a false capture
interrupt may be generated. The user should keep the
CCPxIE interrupt enable bit of the PIEx register clear to
avoid false interrupts. Additionally, the user should
clear the CCPxIF interrupt flag bit of the PIRx register
following any change in Operating mode.
19.3.4
CCP PRESCALER
There are four prescaler settings specified by the
CCPxM<3:0> bits of the CCPxCON register. Whenever
the CCP module is turned off, or the CCP module is not
in Capture mode, the prescaler counter is cleared. Any
Reset will clear the prescaler counter.
Switching from one capture prescaler to another does not
clear the prescaler and may generate a false interrupt. To
avoid this unexpected operation, turn the module off by
clearing the CCPxCON register before changing the
prescaler (see Example 19-1).
EXAMPLE 19-1:
CHANGING BETWEEN
CAPTURE PRESCALERS
19.3.5
CAPTURE DURING SLEEP
Capture mode depends upon the Timer1 module for
proper operation. There are two options for driving the
Timer1 module in Capture mode. It can be driven by the
instruction clock (FOSC/4), or by an external clock source.
If Timer1 is clocked by FOSC/4, then Timer1 will not
increment during Sleep. When the device wakes from
Sleep, Timer1 will continue from its previous state.
If Timer1 is clocked by an external clock source, then
Capture mode will operate as defined in Section 19.1
“Capture/Compare/PWM”.
Note:
If the CCPx pin is configured as an output,
a write to the port can cause a capture
condition.
CCPRxH
CCPRxL
TMR1H
TMR1L
Set Flag bit CCPxIF
(PIRx register)
Capture
Enable
CCPxCON<3:0>
Prescaler
÷ 1, 4, 16
and
Edge Detect
pin
CCPx
System Clock (FOSC)
Note:
Clocking Timer1 from the system clock
(FOSC) should not be used in Capture
mode. In order for Capture mode to
recognize the trigger event on the CCPx
pin, TImer1 must be clocked from the
instruction clock (FOSC/4) or from an
external clock source.
BANKSEL CCP1CON
;Set Bank bits to point
;to CCP1CON
CLRF
CCP1CON
;Turn CCP module off
MOVLW
NEW_CAPT_PS ;Load the W reg with
;the new prescaler
;move value and CCP ON
MOVWF
CCP1CON
;Load CCP1CON with this
;value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com