Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F1934-E/SS Datasheet(PDF) 197 Page - Microchip Technology

Part # PIC16F1934-E/SS
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1934-E/SS Datasheet(HTML) 197 Page - Microchip Technology

Back Button PIC16F1934-E/SS Datasheet HTML 193Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 194Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 195Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 196Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 197Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 198Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 199Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 200Page - Microchip Technology PIC16F1934-E/SS Datasheet HTML 201Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 418 page
background image
© 2008 Microchip Technology Inc.
Preliminary
DS41364A-page 195
PIC16F193X/LF193X
19.6
PWM (Enhanced Mode)
The Enhanced PWM mode can generate a PWM signal
on up to four different output pins with up to 10-bits of
resolution. It can do this through four different PWM
output modes:
• Single PWM
• Half-Bridge PWM
• Full-Bridge PWM, Forward mode
• Full-Bridge PWM, Reverse mode
To select an Enhanced PWM mode, the P1M bits of the
CCP1CON register must be set appropriately.
The PWM outputs are multiplexed with I/O pins and are
designated P1A, P1B, P1C and P1D. The polarity of the
PWM pins is configurable and is selected by setting the
CCP1M bits in the CCP1CON register appropriately.
Table 19-7 shows the pin assignments for each
Enhanced PWM mode.
Figure 19-5 shows an example of a simplified block
diagram of the Enhanced PWM module.
FIGURE 19-5:
EXAMPLE SIMPLIFIED BLOCK DIAGRAM OF THE ENHANCED PWM MODE
TABLE 19-7:
EXAMPLE PIN ASSIGNMENTS FOR VARIOUS PWM ENHANCED MODES
Note:
The PWM Enhanced mode is available on
the
Enhanced
Capture/Compare/PWM
module (CCP1) only.
Note:
To
prevent
the
generation
of
an
incomplete waveform when the PWM is
first enabled, the ECCP module waits until
the start of a new PWM period before
generating a PWM signal.
CCPRxL
CCPRxH (Slave)
Comparator
TMRx
Comparator
PRx
(1)
RQ
S
Duty Cycle Registers
DCxB<1:0>
Clear Timerx,
toggle PWM pin and
latch duty cycle
Note
1:
The 8-bit timer TMRx register is concatenated with the 2-bit internal Q clock, or 2 bits of the prescaler to create the 10-bit
time base.
TRISx
CCPx/P1A
TRISx
P1B
TRISx
P1C
TRISx
P1D
Output
Controller
PxM<1:0>
2
CCPxM<3:0>
4
PWMxCON
CCPx/P1A
P1B
P1C
P1D
Note 1: The TRIS register value for each PWM output must be configured appropriately.
2: Clearing the CCPxCON register will relinquish ECCP control of all PWM output pins.
3: Any pin not used by an Enhanced PWM mode is available for alternate pin functions.
ECCP Mode
PxM<1:0>
CCPx/P1A
P1B
P1C
P1D
Single
00
Yes(1)
Yes(1)
Yes(1)
Yes(1)
Half-Bridge
10
Yes
Yes
No
No
Full-Bridge, Forward
01
Yes
Yes
Yes
Yes
Full-Bridge, Reverse
11
Yes
Yes
Yes
Yes
Note 1:
Pulse Steering enables outputs in Single mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com