Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F23K22-I/P Datasheet(PDF) 25 Page - Microchip Technology

Part # PIC18F23K22-I/P
Description  28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
PDF  492 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K22-I/P Datasheet(HTML) 25 Page - Microchip Technology

Back Button PIC18F23K22-I/P Datasheet HTML 21Page - Microchip Technology PIC18F23K22-I/P Datasheet HTML 22Page - Microchip Technology PIC18F23K22-I/P Datasheet HTML 23Page - Microchip Technology PIC18F23K22-I/P Datasheet HTML 24Page - Microchip Technology PIC18F23K22-I/P Datasheet HTML 25Page - Microchip Technology PIC18F23K22-I/P Datasheet HTML 26Page - Microchip Technology PIC18F23K22-I/P Datasheet HTML 27Page - Microchip Technology PIC18F23K22-I/P Datasheet HTML 28Page - Microchip Technology PIC18F23K22-I/P Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 492 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS41412B-page 25
PIC18(L)F2X/4XK22
21
40
40
RD2/P2B/AN22
RD2
I/O
TTL
Digital I/O
P2B(1)
O
CMOS Enhanced CCP2 PWM output.
AN22
I
Analog Analog input 22.
22
41
41
RD3/P2C/SS2/AN23
RD3
I/O
TTL
Digital I/O.
P2C
O
CMOS Enhanced CCP2 PWM output.
SS2
I
TTL
SPI slave select input (MSSP2).
AN23
I
Analog Analog input 23.
27
2
2
RD4/P2D/SDO2/AN24
RD4
I/O
TTL
Digital I/O.
P2D
O
CMOS Enhanced CCP2 PWM output.
SDO2
O
—
SPI data out (MSSP2).
AN24
I
Analog Analog input 24.
28
3
3
RD5/P1B/AN25
RD5
I/O
TTL
Digital I/O.
P1B
O
CMOS Enhanced CCP1 PWM output.
AN25
I
Analog Analog input 25.
29
4
4
RD6/P1C/TX2/CK2/AN26
RD6
I/O
TTL
Digital I/O.
P1C
O
CMOS Enhanced CCP1 PWM output.
TX2
O
—
EUSART 2 asynchronous transmit.
CK2
I/O
ST
EUSART 2 synchronous clock (see related RXx/
DTx).
AN26
I
Analog Analog input 26.
30
5
5
RD7/P1D/RX2/DT2/AN27
RD7
I/O
TTL
Digital I/O.
P1D
O
CMOS Enhanced CCP1 PWM output.
RX2
I
ST
EUSART 2 asynchronous receive.
DT2
I/O
ST
EUSART 2 synchronous data (see related TXx/
CKx).
AN27
I
Analog Analog input 27.
825
25
RE0/P3A/CCP3/AN5
RE0
I/O
TTL
Digital I/O.
P3A(2)
O
CMOS Enhanced CCP3 PWM output.
CCP3(2)
I/O
ST
Capture 3 input/Compare 3 output/PWM 3 output.
AN5
I
Analog Analog input 5.
926
26
RE1/P3B/AN6
RE1
I/O
TTL
Digital I/O.
P3B
O
CMOS Enhanced CCP3 PWM output.
AN6
I
Analog Analog input 6.
TABLE 1-3:
PIC18(L)F4XK22 PINOUT I/O DESCRIPTIONS (CONTINUED)
Pin Number
Pin Name
Pin
Type
Buffer
Type
Description
PDIP
TQFP
QFN
Legend:
TTL = TTL compatible input CMOS = CMOS compatible input or output; ST = Schmitt Trigger input with CMOS levels;
I = Input; O = Output; P = Power.
Note
1: Default pin assignment for P2B, T3CKI, CCP3/P3A and CCP2/P2A when Configuration bits PB2MX, T3CMX, CCP3MX
and CCP2MX are set.
2: Alternate pin assignment for P2B, T3CKI, CCP3/P3A and CCP2/P2A when Configuration bits PB2MX, T3CMX,
CCP3MX and CCP2MX are clear.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com