Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F23K22-I/P Datasheet(PDF) 38 Page - Microchip Technology

Part # PIC18F23K22-I/P
Description  28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
PDF  492 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K22-I/P Datasheet(HTML) 38 Page - Microchip Technology

Back Button PIC18F23K22-I/P Datasheet HTML 34Page - Microchip Technology PIC18F23K22-I/P Datasheet HTML 35Page - Microchip Technology PIC18F23K22-I/P Datasheet HTML 36Page - Microchip Technology PIC18F23K22-I/P Datasheet HTML 37Page - Microchip Technology PIC18F23K22-I/P Datasheet HTML 38Page - Microchip Technology PIC18F23K22-I/P Datasheet HTML 39Page - Microchip Technology PIC18F23K22-I/P Datasheet HTML 40Page - Microchip Technology PIC18F23K22-I/P Datasheet HTML 41Page - Microchip Technology PIC18F23K22-I/P Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 492 page
background image
PIC18(L)F2X/4XK22
DS41412B-page 38
Preliminary
 2010 Microchip Technology Inc.
2.5.2
LFINTOSC
The Low-Frequency Internal Oscillator (LFINTOSC) is
a 31.25 kHz internal clock source. The LFINTOSC is
not tunable, but is designed to be stable across temper-
ature and voltage. See Section 27.0 “Electrical Char-
acteristics”
for
the
LFINTOSC
accuracy
specifications.
The output of the LFINTOSC can be a clock source to
the primary clock or the INTOSC clock (see Figure 2-1).
The LFINTOSC is also the clock source for the Power-
up Timer (PWRT), Watchdog Timer (WDT) and Fail-
Safe Clock Monitor (FSCM).
2.5.3
FREQUENCY SELECT BITS (IRCF)
The HFINTOSC (16 MHz) and MFINTOSC (500 MHz)
outputs connect to a divide circuit that provides
frequencies of 16 MHz to 31.25 kHz. These divide
circuit
frequencies,
along
with
the
31.25 kHz
LFINTOSC output, are multiplexed to provide a single
INTOSC clock output (see Figure 2-1). The IRCF<2:0>
bits of the OSCCON register, the MFIOSEL bit of the
OSCCON2 register and the INTSRC bit of the
OSCTUNE register, select the output frequency of the
internal oscillators. One of eight frequencies can be
selected via software:
•16 MHz
•8 MHz
•4 MHz
•2 MHz
• 1 MHz (Default after Reset)
• 500 kHz (MFINTOSC or HFINTOSC)
• 250 kHz (MFINTOSC or HFINTOSC)
• 31 kHz (LFINTOSC, MFINTOSC or HFINTOSC)
2.5.4
INTOSC FREQUENCY DRIFT
The factory calibrates the internal oscillator block outputs
(HFINTOSC/MFINTOSC) for 16 MHz/500 kHz. However,
this frequency may drift as VDD or temperature changes.
It is possible to adjust the HFINTOSC/MFINTOSC fre-
quency by modifying the value of the TUN<5:0> bits in the
OSCTUNE register. This has no effect on the LFINTOSC
clock source frequency.
Tuning the HFINTOSC/MFINTOSC source requires
knowing when to make the adjustment, in which direc-
tion it should be made and, in some cases, how large a
change is needed. Three possible compensation tech-
niques are discussed in the following sections. However,
other techniques may be used.
2.5.4.1
Compensating with the EUSART
An adjustment may be required when the EUSART
begins to generate framing errors or receives data with
errors while in Asynchronous mode. Framing errors
indicate that the device clock frequency is too high; to
adjust for this, decrement the value in OSCTUNE to
reduce the clock frequency. On the other hand, errors
in data may suggest that the clock speed is too low; to
compensate, increment OSCTUNE to increase the
clock frequency.
2.5.4.2
Compensating with the Timers
This technique compares device clock speed to some
reference clock. Two timers may be used; one timer is
clocked by the peripheral clock, while the other is
clocked by a fixed reference source, such as the
Timer1 oscillator.
Both timers are cleared, but the timer clocked by the
reference generates interrupts. When an interrupt
occurs, the internally clocked timer is read and both
timers are cleared. If the internally clocked timer value
is greater than expected, then the internal oscillator
block is running too fast. To adjust for this, decrement
the OSCTUNE register.
2.5.4.3
Compensating with the CCP Module
in Capture Mode
A CCP module can use free running Timer1, Timer3 or
Timer5 clocked by the internal oscillator block and an
external event with a known period (i.e., AC power
frequency). The time of the first event is captured in the
CCPRxH:CCPRxL registers and is recorded for use later.
When the second event causes a capture, the time of the
first event is subtracted from the time of the second
event. Since the period of the external event is known,
the time difference between events can be calculated.
If the measured time is much greater than the calcu-
lated time, the internal oscillator block is running too
fast; to compensate, decrement the OSCTUNE register.
If the measured time is much less than the calculated
time, the internal oscillator block is running too slow; to
compensate, increment the OSCTUNE register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com