Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F23K22-I/P Datasheet(PDF) 63 Page - Microchip Technology

Part # PIC18F23K22-I/P
Description  28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
PDF  492 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K22-I/P Datasheet(HTML) 63 Page - Microchip Technology

Back Button PIC18F23K22-I/P Datasheet HTML 59Page - Microchip Technology PIC18F23K22-I/P Datasheet HTML 60Page - Microchip Technology PIC18F23K22-I/P Datasheet HTML 61Page - Microchip Technology PIC18F23K22-I/P Datasheet HTML 62Page - Microchip Technology PIC18F23K22-I/P Datasheet HTML 63Page - Microchip Technology PIC18F23K22-I/P Datasheet HTML 64Page - Microchip Technology PIC18F23K22-I/P Datasheet HTML 65Page - Microchip Technology PIC18F23K22-I/P Datasheet HTML 66Page - Microchip Technology PIC18F23K22-I/P Datasheet HTML 67Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 492 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS41412B-page 63
PIC18(L)F2X/4XK22
4.5
Device Reset Timers
PIC18(L)F2X/4XK22
devices
incorporate
three
separate on-chip timers that help regulate the Power-
on Reset process. Their main function is to ensure that
the device clock is stable before code is executed.
These timers are:
• Power-up Timer (PWRT)
• Oscillator Start-up Timer (OST)
• PLL Lock Time-out
4.5.1
POWER-UP TIMER (PWRT)
The Power-up Timer (PWRT) of PIC18(L)F2X/4XK22
devices is an 11-bit counter which uses the
LFINTOSC source as the clock input. This yields an
approximate time interval of 2048 x 32
s= 65.6 ms.
While the PWRT is counting, the device is held in
Reset.
The power-up time delay depends on the LFINTOSC
clock and will vary from chip-to-chip due to temperature
and process variation.
The PWRT is enabled by clearing the PWRTEN
Configuration bit.
4.5.2
OSCILLATOR START-UP TIMER
(OST)
The Oscillator Start-up Timer (OST) provides a 1024
oscillator cycle (from OSC1 input) delay after the
PWRT delay is over. This ensures that the crystal
oscillator or resonator has started and stabilized.
The OST time-out is invoked only for XT, LP and HS
modes and only on Power-on Reset, or on exit from all
power-managed modes that stop the external oscillator.
4.5.3
PLL LOCK TIME-OUT
With the PLL enabled, the time-out sequence following a
Power-on Reset is slightly different from other oscillator
modes. A separate timer is used to provide a fixed time-
out that is sufficient for the PLL to lock to the main
oscillator frequency. This PLL lock time-out (TPLL) is
typically 2 ms and follows the oscillator start-up time-out.
4.5.4
TIME-OUT SEQUENCE
On power-up, the time-out sequence is as follows:
1.
After the POR pulse has cleared, PWRT time-out
is invoked (if enabled).
2.
Then, the OST is activated.
The total time-out will vary based on oscillator
configuration and the status of the PWRT. Figure 4-3,
Figure 4-4, Figure 4-5, Figure 4-6 and Figure 4-7 all
depict time-out sequences on power-up, with the
Power-up Timer enabled and the device operating in
HS Oscillator mode. Figures 4-3 through 4-6 also
apply to devices operating in XT or LP modes. For
devices in RC mode and with the PWRT disabled, on
the other hand, there will be no time-out at all.
Since the time-outs occur from the POR pulse, if MCLR
is kept low long enough, all time-outs will expire, after
which, bringing MCLR high will allow program
execution to begin immediately (Figure 4-5). This is
useful for testing purposes or to synchronize more than
one PIC® MCU device operating in parallel.
TABLE 4-1:
BOR CONFIGURATIONS
BOR Configuration
Status of
SBOREN
(RCON<6>)
BOR Operation
BOREN1
BOREN0
00
Unavailable
BOR disabled; must be enabled by reprogramming the Configuration bits.
01
Available
BOR enabled by software; operation controlled by SBOREN.
10
Unavailable
BOR enabled by hardware in Run and Idle modes, disabled during
Sleep mode.
11
Unavailable
BOR enabled by hardware; must be disabled by reprogramming the Configuration bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com