Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F23K22-I/P Datasheet(PDF) 18 Page - Microchip Technology

Part # PIC18F23K22-I/P
Description  28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
PDF  492 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K22-I/P Datasheet(HTML) 18 Page - Microchip Technology

Back Button PIC18F23K22-I/P Datasheet HTML 14Page - Microchip Technology PIC18F23K22-I/P Datasheet HTML 15Page - Microchip Technology PIC18F23K22-I/P Datasheet HTML 16Page - Microchip Technology PIC18F23K22-I/P Datasheet HTML 17Page - Microchip Technology PIC18F23K22-I/P Datasheet HTML 18Page - Microchip Technology PIC18F23K22-I/P Datasheet HTML 19Page - Microchip Technology PIC18F23K22-I/P Datasheet HTML 20Page - Microchip Technology PIC18F23K22-I/P Datasheet HTML 21Page - Microchip Technology PIC18F23K22-I/P Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 492 page
background image
PIC18(L)F2X/4XK22
DS41412B-page 18
Preliminary
 2010 Microchip Technology Inc.
9
6
RA7/CLKI/OSC1
RA7
I/O
TTL
Digital I/O.
CLKI
I
CMOS External clock source input. Always associated with
pin function OSC1.
OSC1
I
ST
Oscillator crystal input or external clock source input
ST buffer when configured in RC mode; CMOS
otherwise.
21
18
RB0/INT0/CCP4/FLT0/SRI/SS2/AN12
RB0
I/O
TTL
Digital I/O.
INT0
I
ST
External interrupt 0.
CCP4
I/O
ST
Capture 4 input/Compare 4 output/PWM 4 output.
FLT0
I
ST
PWM Fault input for ECCP Auto-Shutdown.
SRI
I
ST
SR Latch input.
SS2
I
TTL
SPI slave select input (MSSP2).
AN12
I
Analog Analog input 12.
22
19
RB1/INT1/P1C/SCK2/SCL2/C12IN3-/AN10
RB1
I/O
TTL
Digital I/O.
INT1
I
ST
External interrupt 1.
P1C
O
CMOS Enhanced CCP1 PWM output.
SCK2
I/O
ST
Synchronous serial clock input/output for SPI mode
(MSSP2).
SCL2
I/O
ST
Synchronous serial clock input/output for I2C™ mode
(MSSP2).
C12IN3-
I
Analog Comparators C1 and C2 inverting input.
AN10
I
Analog Analog input 10.
23
20
RB2/INT2/CTED1/P1B/SDI2/SDA2/AN8
RB2
I/O
TTL
Digital I/O.
INT2
I
ST
External interrupt 2.
CTED1
I
ST
CTMU Edge 1 input.
P1B
O
CMOS Enhanced CCP1 PWM output.
SDI2
I
ST
SPI data in (MSSP2).
SDA2
I/O
ST
I2C™ data I/O (MSSP2).
AN8
I
Analog Analog input 8.
24
21
RB3/CTED2/P2A/CCP2/SDO2/C12IN2-/AN9
RB3
I/O
TTL
Digital I/O.
CTED2
I
ST
CTMU Edge 2 input.
P2A
O
CMOS Enhanced CCP2 PWM output.
CCP2(2)
I/O
ST
Capture 2 input/Compare 2 output/PWM 2 output.
SDO2
O
—
SPI data out (MSSP2).
C12IN2-
I
Analog Comparators C1 and C2 inverting input.
AN9
I
Analog Analog input 9.
TABLE 1-2:
PIC18(L)F2XK22 PINOUT I/O DESCRIPTIONS (CONTINUED)
Pin Number
Pin Name
Pin
Type
Buffer
Type
Description
PDIP,
SOIC
QFN
Legend:
TTL = TTL compatible input CMOS = CMOS compatible input or output; ST = Schmitt Trigger input with CMOS levels;
I = Input; O = Output; P = Power.
Note 1:
Default pin assignment for P2B, T3CKI, CCP3 and CCP2 when Configuration bits PB2MX, T3CMX, CCP3MX and
CCP2MX are set.
2:
Alternate pin assignment for P2B, T3CKI, CCP3 and CCP2 when Configuration bits PB2MX, T3CMX, CCP3MX and
CCP2MX are clear.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com