Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F23K22-I/P Datasheet(PDF) 37 Page - Microchip Technology

Part # PIC18F23K22-I/P
Description  28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
PDF  492 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K22-I/P Datasheet(HTML) 37 Page - Microchip Technology

Back Button PIC18F23K22-I/P Datasheet HTML 33Page - Microchip Technology PIC18F23K22-I/P Datasheet HTML 34Page - Microchip Technology PIC18F23K22-I/P Datasheet HTML 35Page - Microchip Technology PIC18F23K22-I/P Datasheet HTML 36Page - Microchip Technology PIC18F23K22-I/P Datasheet HTML 37Page - Microchip Technology PIC18F23K22-I/P Datasheet HTML 38Page - Microchip Technology PIC18F23K22-I/P Datasheet HTML 39Page - Microchip Technology PIC18F23K22-I/P Datasheet HTML 40Page - Microchip Technology PIC18F23K22-I/P Datasheet HTML 41Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 492 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS41412B-page 37
PIC18(L)F2X/4XK22
2.5.1.1
OSCTUNE Register
The HFINTOSC/MFINTOSC oscillator circuits are
factory calibrated but can be adjusted in software by
writing to the TUN<5:0> bits of the OSCTUNE register
(Register 2-3).
The default value of the TUN<5:0> is ‘000000’. The
value is a 6-bit two’s complement number.
When the OSCTUNE register is modified, the
HFINTOSC/MFINTOSC frequency will begin shifting to
the new frequency. Code execution continues during this
shift. There is no indication that the shift has occurred.
The TUN<5:0> bits in OSCTUNE do not affect the
LFINTOSC frequency. Operation of features that
depend on the LFINTOSC clock source frequency, such
as the Power-up Timer (PWRT), Watchdog Timer
(WDT),
Fail-Safe
Clock
Monitor
(FSCM)
and
peripherals, are not affected by the change in frequency.
The OSCTUNE register also implements the INTSRC
and PLLEN bits, which control certain features of the
internal oscillator block.
The INTSRC bit allows users to select which internal
oscillator provides the clock source when the
31.25 kHz frequency option is selected. This is covered
in greater detail in Section 2.2.3 “Low Frequency
Selection”.
The PLLEN bit controls the operation of the frequency
multiplier, PLL, in internal oscillator modes. For more
details about the function of the PLLEN bit, see
Section 2.6.2 “PLL in HFINTOSC Modes”
REGISTER 2-3:
OSCTUNE: OSCILLATOR TUNING REGISTER
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
INTSRC
PLLEN(1)
TUN<5:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
INTSRC: Internal Oscillator Low-Frequency Source Select bit
1 = 31.25 kHz device clock derived from the MFINTOSC or HFINTOSC source
0 = 31.25 kHz device clock derived directly from LFINTOSC internal oscillator
bit 6
PLLEN: Frequency Multiplier 4xPLL for HFINTOSC Enable bit(1)
1 = PLL enabled for HFINTOSC (8 MHz and 16 MHz only)
0 = PLL disabled
bit 5-0
TUN<5:0>: Frequency Tuning bits – use to adjust MFINTOSC and HFINTOSC frequencies
011111 = Maximum frequency
011110 =
• • •
000001 =
000000 = Oscillator module (HFINTOSC and MFINTOSC) are running at the factory calibrated
frequency.
111111 =
• • •
100000 = Minimum frequency
Note 1:
The PLLEN bit is active only when the HFINTOSC is the primary clock source (FOSC<2:0> = 100X) and
the selected frequency is 8 MHz or 16 MHz (IRCF<2:0> = 11x). Otherwise, the PLLEN bit is unavailable
and always reads ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com