Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F23K22-I/P Datasheet(PDF) 182 Page - Microchip Technology

Part # PIC18F23K22-I/P
Description  28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
PDF  492 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K22-I/P Datasheet(HTML) 182 Page - Microchip Technology

Back Button PIC18F23K22-I/P Datasheet HTML 178Page - Microchip Technology PIC18F23K22-I/P Datasheet HTML 179Page - Microchip Technology PIC18F23K22-I/P Datasheet HTML 180Page - Microchip Technology PIC18F23K22-I/P Datasheet HTML 181Page - Microchip Technology PIC18F23K22-I/P Datasheet HTML 182Page - Microchip Technology PIC18F23K22-I/P Datasheet HTML 183Page - Microchip Technology PIC18F23K22-I/P Datasheet HTML 184Page - Microchip Technology PIC18F23K22-I/P Datasheet HTML 185Page - Microchip Technology PIC18F23K22-I/P Datasheet HTML 186Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 492 page
background image
PIC18(L)F2X/4XK22
DS41412B-page 182
Preliminary
 2010 Microchip Technology Inc.
14.2.4
SPECIAL EVENT TRIGGER
When Special Event Trigger mode is selected
(CCPxM<3:0> = 1011),
and
a
match
of
the
TMRxH:TMRxL and the CCPRxH:CCPRxL registers
occurs, all CCPx and ECCPx modules will immediately:
• Set the CCP interrupt flag bit – CCPxIF
• CCP5 will start an ADC conversion, if the ADC is
enabled
On the next TimerX rising clock edge:
• A Reset of TimerX register pair occurs –
TMRxH:TMRxL = 0x0000,
This Special Event Trigger mode does not:
• Assert control over the CCPx or ECCPx pins.
• Set the TMRxIF interrupt bit when the
TMRxH:TMRxL register pair is reset. (TMRxIF
gets set on a TimerX overflow.)
If the value of the CCPRxH:CCPRxL registers are
modified when a match occurs, the user should be
aware that the automatic reset of TimerX occurs on the
next rising edge of the clock. Therefore, modifying the
CCPRxH:CCPRxL registers before this reset occurs
will allow the TimerX to continue without being reset,
inadvertently resulting in the next event being
advanced or delayed.
The
Special
Event
Trigger mode
allows
the
CCPRxH:CCPRxL register pair to effectively provide a
16-bit programmable period register for TimerX.
14.2.5
COMPARE DURING SLEEP
The Compare mode is dependent upon the system
clock (FOSC) for proper operation. Since FOSC is shut
down during Sleep mode, the Compare mode will not
function properly during Sleep.
TABLE 14-5:
REGISTERS ASSOCIATED WITH COMPARE
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register
on Page
CCP1CON
P1M<1:0>
DC1B<1:0>
CCP1M<3:0>
201
CCP2CON
P2M<1:0>
DC2B<1:0>
CCP2M<3:0>
201
CCP3CON
P3M<1:0>
DC3B<1:0>
CCP3M<3:0>
201
CCP4CON
—
—
DC4B<1:0>
CCP4M<3:0>
201
CCP5CON
—
—
DC5B<1:0>
CCP5M<3:0>
201
CCPR1H
Capture/Compare/PWM Register 1 High Byte (MSB)
—
CCPR1L
Capture/Compare/PWM Register 1 Low Byte (LSB)
—
CCPR2H
Capture/Compare/PWM Register 2 High Byte (MSB)
—
CCPR2L
Capture/Compare/PWM Register 2 Low Byte (LSB)
—
CCPR3H
Capture/Compare/PWM Register 3 High Byte (MSB)
—
CCPR3L
Capture/Compare/PWM Register 3 Low Byte (LSB)
—
CCPR4H
Capture/Compare/PWM Register 4 High Byte (MSB)
—
CCPR4L
Capture/Compare/PWM Register 4 Low Byte (LSB)
—
CCPR5H
Capture/Compare/PWM Register 5 High Byte (MSB)
—
CCPR5L
Capture/Compare/PWM Register 5 Low Byte (LSB)
—
CCPTMRS0
C3TSEL<1:0>
—
C2TSEL<1:0>
—
C1TSEL<1:0>
204
CCPTMRS1
—
—
—
—
C5TSEL<1:0>
C4TSEL<1:0>
204
INTCON
GIE/GIEH
PEIE/GIEL
TMR0IE
INT0IE
RBIE
TMR0IF
INT0IF
RBIF
115
Legend: — = Unimplemented location, read as ‘0’. Shaded bits are not used by Capture mode.
Note
1:
These registers/bits are available on PIC18(L)F4XK22 devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com