Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC30F0010AT-30I/PF Datasheet(PDF) 4 Page - Microchip Technology

Part # DSPIC30F0010AT-30I/PF
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F0010AT-30I/PF Datasheet(HTML) 4 Page - Microchip Technology

  DSPIC30F0010AT-30I/PF Datasheet HTML 1Page - Microchip Technology DSPIC30F0010AT-30I/PF Datasheet HTML 2Page - Microchip Technology DSPIC30F0010AT-30I/PF Datasheet HTML 3Page - Microchip Technology DSPIC30F0010AT-30I/PF Datasheet HTML 4Page - Microchip Technology DSPIC30F0010AT-30I/PF Datasheet HTML 5Page - Microchip Technology DSPIC30F0010AT-30I/PF Datasheet HTML 6Page - Microchip Technology DSPIC30F0010AT-30I/PF Datasheet HTML 7Page - Microchip Technology DSPIC30F0010AT-30I/PF Datasheet HTML 8Page - Microchip Technology DSPIC30F0010AT-30I/PF Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 232 page
background image
dsPIC30F6010A/6015
DS70150D-page 4
© 2008 Microchip Technology Inc.
Special Microcontroller Features:
• Enhanced Flash program memory:
- 10,000 erase/write cycle (min.) for
industrial temperature range, 100K (typical)
• Data EEPROM memory:
- 100,000 erase/write cycle (min.) for
industrial temperature range, 1M (typical)
• Self-reprogrammable under software control
• Power-on Reset (POR), Power-up Timer (PWRT)
and Oscillator Start-up Timer (OST)
• Flexible Watchdog Timer (WDT) with on-chip,
low-power RC oscillator for reliable operation
• Fail-Safe Clock Monitor operation detects clock
failure and switches to on-chip, low-power RC
oscillator
• Programmable code protection
• In-Circuit Serial Programming™ (ICSP™)
• Selectable Power Management modes
- Sleep, Idle and Alternate Clock modes
CMOS Technology:
• Low-power, high-speed Flash technology
• Wide operating voltage range (2.5V to 5.5V)
• Industrial and Extended temperature ranges
• Low-power consumption
dsPIC30F Motor Control and Power Conversion Family
Device
Pins
Program
Mem. Bytes/
Instructions
SRAM
Bytes
EEPROM
Bytes
Timer
16-bit
Input
Cap
Output
Comp/Std
PWM
Motor
Control
PWM
A/D 10-bit
1 Msps
Quad
Enc
dsPIC30F6010A
80
144K/48K
8192
4096
5
8
8
8 ch
16 ch
Yes
2
2
1
2
dsPIC30F6015
64
144K/48K
8192
4096
5
8
8
8 ch
16 ch
Yes
2
2
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com