Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC30F0010AT-30I/PF Datasheet(PDF) 98 Page - Microchip Technology

Part # DSPIC30F0010AT-30I/PF
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F0010AT-30I/PF Datasheet(HTML) 98 Page - Microchip Technology

Back Button DSPIC30F0010AT-30I/PF Datasheet HTML 94Page - Microchip Technology DSPIC30F0010AT-30I/PF Datasheet HTML 95Page - Microchip Technology DSPIC30F0010AT-30I/PF Datasheet HTML 96Page - Microchip Technology DSPIC30F0010AT-30I/PF Datasheet HTML 97Page - Microchip Technology DSPIC30F0010AT-30I/PF Datasheet HTML 98Page - Microchip Technology DSPIC30F0010AT-30I/PF Datasheet HTML 99Page - Microchip Technology DSPIC30F0010AT-30I/PF Datasheet HTML 100Page - Microchip Technology DSPIC30F0010AT-30I/PF Datasheet HTML 101Page - Microchip Technology DSPIC30F0010AT-30I/PF Datasheet HTML 102Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 232 page
background image
dsPIC30F6010A/6015
DS70150D-page 98
© 2008 Microchip Technology Inc.
15.1.4
DOUBLE UPDATE MODE
In the Double Update mode (PTMOD<1:0> = 11), an
interrupt event is generated each time the PTMR
register is equal to zero, as well as each time a period
match occurs. The postscaler selection bits have no
effect in this mode of the timer.
The Double Update mode provides two additional
functions to the user. First, the control loop bandwidth
is doubled because the PWM duty cycles can be
updated, twice per period. Second, asymmetrical
center-aligned PWM waveforms can be generated,
which are useful for minimizing output waveform
distortion in certain motor control applications.
15.1.5
PWM TIME BASE PRESCALER
The input clock to PTMR (FOSC/4), has prescaler
options of 1:1, 1:4, 1:16, or 1:64, selected by control
bits, PTCKPS<1:0>, in the PTCON SFR. The prescaler
counter is cleared when any of the following occurs:
• a write to the PTMR register
• a write to the PTCON register
• any device Reset
PTMR is not cleared when PTCON is written.
15.1.6
PWM TIME BASE POSTSCALER
The match output of PTMR can optionally be
post-scaled through a 4-bit postscaler (which gives a
1:1 to 1:16 scaling).
The postscaler counter is cleared when any of the
following occurs:
• a write to the PTMR register
• a write to the PTCON register
• any device Reset
PTMR is not cleared when PTCON is written.
15.2
PWM Period
PTPER is a 15-bit, double-buffered register that sets the
counting period for the PWM time base. The PTPER
buffer is loaded into the PTPER register at these instants:
• Free-Running and Single-Shot modes: When the
PTMR register is reset to zero after a match with
the PTPER register.
• Up/Down Counting modes: When the PTMR
register is zero.
The value held in the PTPER buffer is automatically
loaded into the PTPER register when the PWM time
base is disabled (PTEN = 0).
The
PWM
period
can
be
determined
using
Equation 15-1:
EQUATION 15-1:
PWM PERIOD
If the PWM time base is configured for one of the
Up/Down Count modes, the PWM period will be given
by Equation 15-2.
EQUATION 15-2:
PWM PERIOD FOR
UP/DOWN COUNT
The maximum resolution (in bits) for a given device
oscillator and PWM frequency can be determined using
Equation 15-3:
EQUATION 15-3:
PWM RESOLUTION
15.3
Edge-Aligned PWM
Edge-aligned PWM signals are produced by the module
when the PWM time base is in the Free-Running or
Single-Shot mode. For edge-aligned PWM outputs, the
output has a period specified by the value in PTPER
and a duty cycle specified by the appropriate Duty Cycle
register (see Figure 15-2). The PWM output is driven
active at the beginning of the period (PTMR = 0) and is
driven inactive when the value in the Duty Cycle register
matches PTMR.
If the value in a particular Duty Cycle register is zero,
then the output on the corresponding PWM pin will be
inactive for the entire PWM period. In addition, the
output on the PWM pin will be active for the entire
PWM period if the value in the Duty Cycle register is
greater than the value held in the PTPER register.
FIGURE 15-2:
EDGE-ALIGNED PWM
Note:
Programming a value of 0x0001 in the
Period
register
could
generate
a
continuous interrupt pulse, and hence,
must be avoided.
TPWM =
TCY
• (PTPER + 1)
(PTMR Prescale Value)
TPWM =
TCY
• 2 • (PTPER + 0.75)
(PTMR Prescale Value)
Resolution =
log (2
• TPWM/TCY)
log (2)
Period
Duty Cycle
0
PTPER
PTMR
Value
New Duty Cycle Latched



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com