Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC30F0010AT-30I/PF Datasheet(PDF) 16 Page - Microchip Technology

Part # DSPIC30F0010AT-30I/PF
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F0010AT-30I/PF Datasheet(HTML) 16 Page - Microchip Technology

Back Button DSPIC30F0010AT-30I/PF Datasheet HTML 12Page - Microchip Technology DSPIC30F0010AT-30I/PF Datasheet HTML 13Page - Microchip Technology DSPIC30F0010AT-30I/PF Datasheet HTML 14Page - Microchip Technology DSPIC30F0010AT-30I/PF Datasheet HTML 15Page - Microchip Technology DSPIC30F0010AT-30I/PF Datasheet HTML 16Page - Microchip Technology DSPIC30F0010AT-30I/PF Datasheet HTML 17Page - Microchip Technology DSPIC30F0010AT-30I/PF Datasheet HTML 18Page - Microchip Technology DSPIC30F0010AT-30I/PF Datasheet HTML 19Page - Microchip Technology DSPIC30F0010AT-30I/PF Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 232 page
background image
dsPIC30F6010A/6015
DS70150D-page 16
© 2008 Microchip Technology Inc.
2.2
Programmer’s Model
The programmer’s model is shown in Figure 2-1 and
consists of 16x16-bit working registers (W0 through
W15), 2x40-bit accumulators (AccA and AccB),
STATUS register (SR), Data Table Page register
(TBLPAG), Program Space Visibility Page register
(PSVPAG), DO and REPEAT registers (DOSTART,
DOEND, DCOUNT and RCOUNT), and Program
Counter (PC). The working registers can act as data,
address or offset registers. All registers are memory
mapped. W0 acts as the W register for file register
addressing.
Some of these registers have a shadow register
associated with each of them, as shown in Figure 2-1.
The shadow register is used as a temporary holding
register and can transfer its contents to or from its host
register upon the occurrence of an event. None of the
shadow registers are accessible directly. The following
rules apply for transfer of registers into and out of
shadows.
• PUSH.S and POP.S
W0, W1, W2, W3, SR (DC, N, OV, Z and C bits
only) are transferred.
• DO instruction
DOSTART, DOEND, DCOUNT shadows are
pushed on loop start and popped on loop end.
When a byte operation is performed on a working
register, only the Least Significant Byte of the target
register is affected. However, a benefit of memory
mapped working registers is that both the Least and
Most Significant Bytes can be manipulated through
byte-wide data memory space accesses.
2.2.1
SOFTWARE STACK POINTER/
FRAME POINTER
The dsPIC® DSC devices contain a software stack.
W15 is the dedicated Software Stack Pointer (SP), and
will be automatically modified by exception processing
and subroutine calls and returns. However, W15 can be
referenced by any instruction in the same manner as all
other W registers. This simplifies the reading, writing
and manipulation of the Stack Pointer (e.g., creating
stack frames).
W15 is initialized to 0x0800 during a Reset. The user
may reprogram the SP during initialization to any
location within data space.
W14 has been dedicated as a Stack Frame Pointer as
defined by the LNK and ULNK instructions. However,
W14 can be referenced by any instruction in the same
manner as all other W registers.
2.2.2
STATUS REGISTER
The dsPIC DSC core has a 16-bit STATUS register
(SR), the LSB of which is referred to as the SR Low
Byte (SRL) and the MSB as the SR High Byte (SRH).
See Figure 2-1 for SR layout.
SRL contains all the MCU ALU operation status flags
(including the Z bit), as well as the CPU Interrupt
Priority Level Status bits, IPL<2:0>, and the Repeat
Active Status bit, RA. During exception processing,
SRL is concatenated with the MSB of the PC to form a
complete word value which is then stacked.
The upper byte of the SR register contains the DSP
adder/subtractor Status bits, the DO Loop Active bit
(DA) and the Digit Carry (DC) Status bit.
2.2.3
PROGRAM COUNTER
The Program Counter is 23 bits wide. Bit 0 is always
clear. Therefore, the PC can address up to 4M
instruction words.
Note:
In order to protect against misaligned
stack accesses, W15<0> is always clear.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com