Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC30F0010AT-30I/PF Datasheet(PDF) 45 Page - Microchip Technology

Part # DSPIC30F0010AT-30I/PF
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F0010AT-30I/PF Datasheet(HTML) 45 Page - Microchip Technology

Back Button DSPIC30F0010AT-30I/PF Datasheet HTML 41Page - Microchip Technology DSPIC30F0010AT-30I/PF Datasheet HTML 42Page - Microchip Technology DSPIC30F0010AT-30I/PF Datasheet HTML 43Page - Microchip Technology DSPIC30F0010AT-30I/PF Datasheet HTML 44Page - Microchip Technology DSPIC30F0010AT-30I/PF Datasheet HTML 45Page - Microchip Technology DSPIC30F0010AT-30I/PF Datasheet HTML 46Page - Microchip Technology DSPIC30F0010AT-30I/PF Datasheet HTML 47Page - Microchip Technology DSPIC30F0010AT-30I/PF Datasheet HTML 48Page - Microchip Technology DSPIC30F0010AT-30I/PF Datasheet HTML 49Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 232 page
background image
© 2008 Microchip Technology Inc.
DS70150D-page 45
dsPIC30F6010A/6015
5.4
Interrupt Sequence
All interrupt event flags are sampled in the beginning of
each instruction cycle by the IFSx registers. A pending
Interrupt Request (IRQ) is indicated by the flag bit
being equal to a ‘1’ in an IFSx register. The IRQ will
cause an interrupt to occur if the corresponding bit in
the Interrupt Enable (IECx) register is set. For the
remainder of the instruction cycle, the priorities of all
pending interrupt requests are evaluated.
If there is a pending IRQ with a priority level greater
than the current processor priority level in the IPL bits,
the processor will be interrupted.
The processor then stacks the current program counter
and the low byte of the processor STATUS register
(SRL), as shown in Figure 5-2. The low byte of the
STATUS register contains the processor priority level at
the time prior to the beginning of the interrupt cycle.
The processor then loads the priority level for this inter-
rupt into the STATUS register. This action will disable
all lower priority interrupts until the completion of the
Interrupt Service Routine.
FIGURE 5-2:
INTERRUPT STACK
FRAME
The RETFIE (Return from Interrupt) instruction will
unstack the program counter and STATUS registers to
return the processor to its state prior to the interrupt
sequence.
5.5
Alternate Vector Table
In program memory, the Interrupt Vector Table (IVT) is
followed by the Alternate Interrupt Vector Table (AIVT),
as shown in Figure 5-1. Access to the Alternate Vector
Table is provided by the ALTIVT bit in the INTCON2
register. If the ALTIVT bit is set, all interrupt and excep-
tion processes will use the alternate vectors instead of
the default vectors. The alternate vectors are organized
in the same manner as the default vectors. The AIVT
supports emulation and debugging efforts by providing
a means to switch between an application and a
support environment, without requiring the interrupt
vectors to be reprogrammed. This feature also enables
switching between applications for evaluation of
different software algorithms at run time.
If the AIVT is not required, the program memory
allocated to the AIVT may be used for other purposes.
AIVT is not a protected section and may be freely
programmed by the user.
5.6
Fast Context Saving
A context saving option is available using shadow
registers. Shadow registers are provided for the DC, N,
OV, Z and C bits in SR, and the registers W0 through
W3. The shadows are only one level deep. The shadow
registers are accessible using the PUSH.S and POP.S
instructions only.
When the processor vectors to an interrupt, the
PUSH.S instruction can be used to store the current
value of the aforementioned registers into their
respective shadow registers.
If an ISR of a certain priority uses the PUSH.S and
POP.S instructions for fast context saving, then a
higher priority ISR should not include the same
instructions. Users must save the key registers in
software during a lower priority interrupt, if the higher
priority ISR uses fast context saving.
5.7
External Interrupt Requests
The interrupt controller supports five external interrupt
request signals, INT0-INT4. These inputs are edge
sensitive; they require a low-to-high or a high-to-low
transition to generate an interrupt request. The
INTCON2 register has five bits, INT0EP-INT4EP, that
select the polarity of the edge detection circuitry.
5.8
Wake-up from Sleep and Idle
The interrupt controller may be used to wake-up the
processor from either Sleep or Idle modes, if Sleep or
Idle mode is active when the interrupt is generated.
If an enabled interrupt request of sufficient priority is
received by the interrupt controller, then the standard
interrupt request is presented to the processor. At the
same time, the processor will wake-up from Sleep or
Idle and begin execution of the Interrupt Service
Routine (ISR) needed to process the interrupt request.
Note 1: The user can always lower the priority level
by writing a new value into SR. The Interrupt
Service Routine must clear the interrupt flag
bits in the IFSx register before lowering the
processor interrupt priority in order to avoid
recursive interrupts.
2: The IPL3 bit (CORCON<3>) is always clear
when interrupts are being processed. It is
set only during execution of traps.
<Free Word>
0
15
W15 (before CALL)
W15 (after CALL)
PUSH : [W15++]
POP
: [--W15]
0x0000
PC<15:0>
SRL IPL3 PC<22:16>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com