Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC30F0010AT-30I/PF Datasheet(PDF) 55 Page - Microchip Technology

Part # DSPIC30F0010AT-30I/PF
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F0010AT-30I/PF Datasheet(HTML) 55 Page - Microchip Technology

Back Button DSPIC30F0010AT-30I/PF Datasheet HTML 51Page - Microchip Technology DSPIC30F0010AT-30I/PF Datasheet HTML 52Page - Microchip Technology DSPIC30F0010AT-30I/PF Datasheet HTML 53Page - Microchip Technology DSPIC30F0010AT-30I/PF Datasheet HTML 54Page - Microchip Technology DSPIC30F0010AT-30I/PF Datasheet HTML 55Page - Microchip Technology DSPIC30F0010AT-30I/PF Datasheet HTML 56Page - Microchip Technology DSPIC30F0010AT-30I/PF Datasheet HTML 57Page - Microchip Technology DSPIC30F0010AT-30I/PF Datasheet HTML 58Page - Microchip Technology DSPIC30F0010AT-30I/PF Datasheet HTML 59Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 232 page
background image
© 2008 Microchip Technology Inc.
DS70150D-page 55
dsPIC30F6010A/6015
7.0
DATA EEPROM MEMORY
The data EEPROM memory is readable and writable
during normal operation over the entire VDD range. The
data EEPROM memory is directly mapped in the
program memory address space.
The four SFRs used to read and write the program
Flash memory are used to access data EEPROM
memory, as well. As described in Section 4.0
“Address Generator Units”, these registers are:
•NVMCON
• NVMADR
• NVMADRU
• NVMKEY
The EEPROM data memory allows read and write of
single words and 16-word blocks. When interfacing to
data memory, NVMADR, in conjunction with the
NVMADRU register, is used to address the EEPROM
location being accessed. TBLRDL and TBLWTL
instructions are used to read and write data EEPROM.
The dsPIC30F6010 device has 8 Kbytes (4K words) of
data EEPROM, with an address range from 0x7FF000
to 0x7FFFFE.
A word write operation should be preceded by an erase
of the corresponding memory location(s). The write
typically requires 2 ms to complete, but the write time
will vary with voltage and temperature.
A program or erase operation on the data EEPROM
does not stop the instruction flow. The user is
responsible for waiting for the appropriate duration of
time before initiating another data EEPROM write/
erase operation. Attempting to read the data EEPROM
while a programming or erase operation is in progress
results in unspecified data.
Control bit WR initiates write operations, similar to
program Flash writes. This bit cannot be cleared, only
set, in software. This bit is cleared in hardware at the
completion of the write operation. The inability to clear
the WR bit in software prevents the accidental or
premature termination of a write operation.
The WREN bit, when set, will allow a write operation.
On power-up, the WREN bit is clear. The WRERR bit is
set when a write operation is interrupted by a MCLR
Reset, or a WDT Time-out Reset, during normal
operation. In these situations, following Reset, the user
can check the WRERR bit and rewrite the location. The
address register NVMADR remains unchanged.
7.1
Reading the Data EEPROM
A TBLRD instruction reads a word at the current
program word address. This example uses W0 as a
pointer to data EEPROM. The result is placed in
register W4, as shown in Example 7-1.
EXAMPLE 7-1:
DATA EEPROM READ
Note:
This data sheet summarizes features of
this group of dsPIC30F devices and is not
intended to be a complete reference
source. For more information on the CPU,
peripherals, register descriptions and
general device functionality, refer to the
“dsPIC30F Family Reference Manual”
(DS70046). For more information on the
device instruction set and programming,
refer to the “dsPIC30F/33F Programmers
Reference Manual” (DS70157).
Note:
Interrupt flag bit NVMIF in the IFS0
register is set when write is complete. It
must be cleared in software.
MOV
#LOW_ADDR_WORD,W0
; Init Pointer
MOV
#HIGH_ADDR_WORD,W1
MOV
W1,TBLPAG
TBLRDL [ W0 ], W4
; read data EEPROM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com