Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MF1S5009DA4 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # MF1S5009DA4
Description  Mainstream contactless smart card IC for fast and easy solution development
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF1S5009DA4 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button MF1S5009DA4 Datasheet HTML 10Page - NXP Semiconductors MF1S5009DA4 Datasheet HTML 11Page - NXP Semiconductors MF1S5009DA4 Datasheet HTML 12Page - NXP Semiconductors MF1S5009DA4 Datasheet HTML 13Page - NXP Semiconductors MF1S5009DA4 Datasheet HTML 14Page - NXP Semiconductors MF1S5009DA4 Datasheet HTML 15Page - NXP Semiconductors MF1S5009DA4 Datasheet HTML 16Page - NXP Semiconductors MF1S5009DA4 Datasheet HTML 17Page - NXP Semiconductors MF1S5009DA4 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
MF1S5009
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
PUBLIC
Rev. 3 — 27 July 2010
189131
14 of 32
NXP Semiconductors
MF1S5009
Mainstream contactless smart card IC
9.7.2 Access conditions for the sector trailer
Depending on the access bits for the sector trailer (block 3) the read/write access to the
keys and the access bits is specified as ‘never’, ‘key A’, ‘key B’ or key A|B’ (key A or
key B).
On chip delivery the access conditions for the sector trailers and key A are predefined as
transport configuration. Since key B may be read in transport configuration, new cards
must be authenticated with key A. Since the access bits themselves can also be blocked,
special care should be taken during personalization of cards.
[1]
for this access condition key B is readable and may be used for data
9.7.3 Access conditions for data blocks
Depending on the access bits for data blocks (blocks 0...2) the read/write access is
specified as ‘never’, ‘key A’, ‘key B’ or ‘key A|B’ (key A or key B). The setting of the
relevant access bits defines the application and the corresponding applicable commands.
Read/write block: The operations read and write are allowed.
Value block: Allows the additional value operations increment, decrement, transfer
and restore. In one case (‘001’) only read and decrement are possible for a
non-rechargeable card. In the other case (‘110’) recharging is possible by using key B.
Manufacturer block: The read-only condition is not affected by the access bits setting!
Key management: In transport configuration key A must be used for authentication
Table 6.
Access conditions for the sector trailer
Access bits
Access condition for
Remark
KEYA
Access bits
KEYB
C1
C2
C3
read
write
read
write
read
write
0
0
0
never
key A
key A
never
key A
key A
Key B may be read[1]
0
1
0
never
never
key A
never
key A
never
Key B may be read[1]
1
0
0
never
key B
key
A|B
never
never
key B
1
1
0
never
never
key
A|B
never
never
never
0
0
1
never
key A
key A
key A
key A
key A
Key B may be read,
transport configuration[1]
0
1
1
never
key B
key
A|B
key B
never
key B
1
0
1
never
never
key
A|B
key B
never
never
1
1
1
never
never
key
A|B
never
never
never



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com