Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB90F474LPF Datasheet(PDF) 85 Page - fujitsu semiconductor

Part # MB90F474LPF
Description  16-Bit Proprietary Microcontroller
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90F474LPF Datasheet(HTML) 85 Page - fujitsu semiconductor

Back Button MB90F474LPF Datasheet HTML 81Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 82Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 83Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 84Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 85Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 86Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 87Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 88Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 89Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 118 page
background image
MB90470 Series
85
3.
DC Characteristics
(MASK version : VCC
= 1.8 V to 3.6 V, VSS = 0.0 V, TA = −40 °C to +85 °C) *
(Low voltage FLASH version : VCC
= 2.4 V to 3.6 V, VSS = 0.0 V, TA = −40 °C to +85 °C) *
(High speed FLASH version : VCC
= 3.0 V to 3.6 V, VSS = 0.0 V, TA = −40 °C to +85 °C) *
* : Pay attention to operating frequency.
(Continued)
Parameter
Sym-
bol
Pin name
Conditions
Value
Unit
Remarks
Min
Typ
Max
“H” level
output
voltage
VOH
All pins
except
P76-P77
VCC
= 2.7 V
IOH
= − 1.6 mA
VCC3
−
0.3

V
VCC
= 4.5 V
IOH
= − 4.0 mA
VCC5
−
0.5

V
Using 5 V
system power
supply
“L” level
output
voltage
VOL
All output
pins
VCC
= 2.7 V
IOL
= 2.0 mA

0.4
V
VCC
= 4.5 V
IOL
= 4.0 mA

0.4
V
Using 5 V
system power
supply
Input leak
current
IIL
All pins
except
P76, P77
VCC
= 3.3 V
VSS
< VI < VCC
− 10
+ 10
µA
Pull-up
resistance
RPULL
VCC
= 3.0 V,
at TA
= + 25 °C
20
65
200
k
Ω
Open drain
output
current
Ileak
P40 to P47,
P70 to P77

0.1
10
µA
Supply
current
ICC
at VCC
= 3.3 V,
at normal internal
20 MHz operation
60
80
mA
MASK version
65
85
mA
MASK version
(A/D operation)
51
66
mA
FLASH version
56
71.5
mA
FLASH version
(A/D operation)
at VCC
= 3.3 V,
flash write/erase
at internal 20 MHz
57
71.5
mA
FLASH version
ICCS
VCC
= 3.3 V,
sleep mode
at 20 MHz
18
33
mA
ICCL
at VCC
= 3.3 V,
sub operation,
external 32 kHz,
internal 8 kHz
operation
(TA
= + 25 °C)
16
140
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com