Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB90F474LPF Datasheet(PDF) 13 Page - fujitsu semiconductor

Part # MB90F474LPF
Description  16-Bit Proprietary Microcontroller
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90F474LPF Datasheet(HTML) 13 Page - fujitsu semiconductor

Back Button MB90F474LPF Datasheet HTML 9Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 10Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 11Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 12Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 13Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 14Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 15Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 16Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 17Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 118 page
background image
MB90470 Series
13
(Continued)
LQFP : FPT-100P-M05 package
QFP : FPT-100P-M06 package
Notes :
• For use as a 3.3 V single supply device, apply the same voltage to the VCC3 and VCC5 power supply pins.
• For use with a dual power supply, apply the respective voltages to the VCC3 and VCC5 power supply pins.
• In use with a dual power supply, a total of 32 pins (P20/A16 to P27/A23/PPG3, P30/A00/AIN0 to P37/
A07/PWC1, P40/A08/SIN2 to P47/A15/OUT5 and P70/SIN0 to P77/SDA) can be used in a 5 V interface.
Note that all other pins must be used in 3 V interface.
• In use with a dual power supply, it is not possible to turn on only the 5 V or the 3 V power supply
independently. Always turn on both power supplies simultaneously. (It is recommended that the 3 V power
to the MB90470 series be turned on first.)
Pin no.
Pin name
Circuit
type
Description
LQFP
QFP
63
65
P97
E
(CMOS/H)
General purpose input/output port.
IN1
Functions as input capture ch 1 trigger input.
64 to 67 66 to 69
PA0 to PA3
D
(CMOS)
General purpose input/output ports.
OUT0 to OUT3
Output compare event output pins.
33
35
AVCC
A/D converter power supply pin.
34
36
AVRH
A/D converter external reference power pin.
35
37
AVSS
A/D converter power supply pin.
47 to 49 49 to 51
MD0 to MD2
J
(CMOS/H)
Input pins for specifying operating mode.
82
84
VCC3
3.3 V
± 0.3 V power supply pin (VCC3) .
21
23
VCC5
3.3 V
± 0.3 V/5.0 V ± 0.5 V dual power supply pin (VCC5) .
9
40
79
11
42
81
VSS
Power supply input pins (GND) .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com