Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB90F474LPF Datasheet(PDF) 12 Page - fujitsu semiconductor

Part # MB90F474LPF
Description  16-Bit Proprietary Microcontroller
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90F474LPF Datasheet(HTML) 12 Page - fujitsu semiconductor

Back Button MB90F474LPF Datasheet HTML 8Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 9Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 10Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 11Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 12Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 13Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 14Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 15Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 16Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 118 page
background image
MB90470 Series
12
(Continued)
LQFP : FPT-100P-M05 package
QFP : FPT-100P-M06 package
Pin no.
Pin name
Circuit
type
Description
LQFP
QFP
30
32
P75
G
(CMOS/H)
General purpose input/output port.
PWC2
PWC input pin.
31
33
P76
I
(NMOS/H)
General purpose input/output port.
SCL
I2C interface data input/output pin. During I2C interface
operation, the port output should be set to High-Z level.
32
34
P77
I
(NMOS/H)
General purpose input/output port.
SDA
I2C interface clock input/output pin. During I2C interface
operation, the port output should be set to High-Z level.
45
46
47
48
P80, P81
E
(CMOS/H)
General purpose input/output ports.
IRQ0, IRQ1
External interrupt input pins.
50 to 55 52 to 57
P82 to P87
E
(CMOS/H)
General purpose input/output ports.
IRQ2 to IRQ7
External interrupt input pins.
56
58
P90
E
(CMOS/H)
General purpose input/output port.
SIN1
Single serial I/O data input pin.
CS0
Chip select 0.
57
59
P91
D
(CMOS)
General purpose input/output port.
SOT1
Single serial I/O data output pin.
CS1
Chip select 1.
58
60
P92
E
(CMOS/H)
General purpose input/output port.
SCK1
Single serial I/O clock input/output pin.
CS2
Chip select 2.
59
61
P93
E
(CMOS/H)
General purpose input/output port.
FRCK
In free run timer operation, this pin functions as the external
clock input pin.
ADTG
In A/D converter operation, this pin functions as the external
trigger input pin.
CS3
Chip select 3.
60
62
P94
D
(CMOS)
General purpose input/output port.
PPG4
PPG timer output pin.
61
63
P95
D
(CMOS)
General purpose input/output port.
PPG5
PPG timer output pin.
62
64
P96
E
(CMOS/H)
General purpose input/output port.
IN0
Functions as input capture ch 0 trigger input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com