Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB90F474LPF Datasheet(PDF) 22 Page - fujitsu semiconductor

Part # MB90F474LPF
Description  16-Bit Proprietary Microcontroller
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90F474LPF Datasheet(HTML) 22 Page - fujitsu semiconductor

Back Button MB90F474LPF Datasheet HTML 18Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 19Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 20Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 21Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 22Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 23Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 24Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 25Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 26Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 118 page
background image
MB90470 Series
22
s I/O MAP
(Continued)
Address
Register name
Symbol
Access
Resource name
Default
00H
Port 0 data register
PDR0
R/W
Port 0
XXXXXXXX
01H
Port 1 data register
PDR1
R/W
Port 1
XXXXXXXX
02H
Port 2 data register
PDR2
R/W
Port 2
XXXXXXXX
03H
Port 3 data register
PDR3
R/W
Port 3
XXXXXXXX
04H
Port 4 data register
PDR4
R/W
Port 4
XXXXXXXX
05H
Port 5 data register
PDR5
R/W
Port 5
XXXXXXXX
06H
Port 6 data register
PDR6
R/W
Port 6
XXXXXXXX
07H
Port 7 data register
PDR7
R/W
Port 7
1 1XXXXXX
08H
Port 8 data register
PDR8
R/W
Port 8
XXXXXXXX
09H
Port 9 data register
PDR9
R/W
Port 9
XXXXXXXX
0AH
Port A data register
PDRA
R/W
Port A
- - - - XXXX
0BH
Port 3 timer input enable register
UDRE
R/W
Up/down timer
input control
XX 0 0 0 0 0 0
0CH
Interrupt/DTP enable register
ENIR
R/W
DTP/external
interrupt
0 0 0 0 0 0 0 0
0DH
Interrupt/DTP enable register
EIRR
R/W
0 0 0 0 0 0 0 0
0EH
Demand level setting register
ELVR
R/W
0 0 0 0 0 0 0 0
0FH
Demand level setting register
R/W
0 0 0 0 0 0 0 0
10H
Port 0 direction register
DDR0
R/W
Port 0
0 0 0 0 0 0 0 0
11H
Port 1 direction register
DDR1
R/W
Port 1
0 0 0 0 0 0 0 0
12H
Port 2 direction register
DDR2
R/W
Port 2
0 0 0 0 0 0 0 0
13H
Port 3 direction register
DDR3
R/W
Port 3
0 0 0 0 0 0 0 0
14H
Port 4 direction register
DDR4
R/W
Port 4
0 0 0 0 0 0 0 0
15H
Port 5 direction register
DDR5
R/W
Port 5
0 0 0 0 0 0 0 0
16H
Port 6 direction register
DDR6
R/W
Port 6
0 0 0 0 0 0 0 0
17H
Port 7 direction register
DDR7
R/W
Port 7
- - 0 0 0 0 0 0
18H
Port 8 direction register
DDR8
R/W
Port 8
0 0 0 0 0 0 0 0
19H
Port 9 direction register
DDR9
R/W
Port 9
0 0 0 0 0 0 0 0
1AH
Port A direction register
DDRA
R/W
Port A
- - - - 0 0 0 0
1BH
Port 4 pin register
ODR4
R/W
Port 4 (OD control)
0 0 0 0 0 0 0 0
1CH
Port 0 resistance register
RDR0
R/W
Port 0 (pull-up)
0 0 0 0 0 0 0 0
1DH
Port 1 resistance register
RDR1
R/W
Port 1 (pull-up)
0 0 0 0 0 0 0 0
1EH
Port 7 pin register
ODR7
R/W
Port 7 (OD control)
- - 0 0 0 0 0 0
1FH
Analog input enable register
ADER
R/W
Port 5, A/D
1 1 1 1 1 1 1 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com