Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F8723I/PTSQTP Datasheet(PDF) 20 Page - Microchip Technology

Part # PIC18F8723I/PTSQTP
Description  64/80-Pin, 1-Mbit,Enhanced Flash Microcontrollers with 12-Bit A/D and nanoWatt Technology
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F8723I/PTSQTP Datasheet(HTML) 20 Page - Microchip Technology

Back Button PIC18F8723I/PTSQTP Datasheet HTML 16Page - Microchip Technology PIC18F8723I/PTSQTP Datasheet HTML 17Page - Microchip Technology PIC18F8723I/PTSQTP Datasheet HTML 18Page - Microchip Technology PIC18F8723I/PTSQTP Datasheet HTML 19Page - Microchip Technology PIC18F8723I/PTSQTP Datasheet HTML 20Page - Microchip Technology PIC18F8723I/PTSQTP Datasheet HTML 21Page - Microchip Technology PIC18F8723I/PTSQTP Datasheet HTML 22Page - Microchip Technology PIC18F8723I/PTSQTP Datasheet HTML 23Page - Microchip Technology PIC18F8723I/PTSQTP Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 60 page
background image
PIC18F8723 FAMILY
DS39894A-page 18
Preliminary
© 2007 Microchip Technology Inc.
PORTG is a bidirectional I/O port.
RG0/ECCP3/P3A
RG0
ECCP3
P3A
3
I/O
I/O
O
ST
ST
—
Digital I/O.
Enhanced Capture 3 input/Compare 3 output/
PWM3 output.
ECCP3 PWM output A.
RG1/TX2/CK2
RG1
TX2
CK2
4
I/O
O
I/O
ST
—
ST
Digital I/O.
EUSART2 asynchronous transmit.
EUSART2 synchronous clock (see related RX2/DT2).
RG2/RX2/DT2
RG2
RX2
DT2
5
I/O
I
I/O
ST
ST
ST
Digital I/O.
EUSART2 asynchronous receive.
EUSART2 synchronous data (see related TX2/CK2).
RG3/CCP4/P3D
RG3
CCP4
P3D
6
I/O
I/O
O
ST
ST
—
Digital I/O.
Capture 4 input/Compare 4 output/PWM4 output.
ECCP3 PWM output D.
RG4/CCP5/P1D
RG4
CCP5
P1D
8
I/O
I/O
O
ST
ST
—
Digital I/O.
Capture 5 input/Compare 5 output/PWM5 output.
ECCP1 PWM output D.
RG5
See RG5/MCLR/VPP pin.
VSS
9, 25, 41, 56
P
—
Ground reference for logic and I/O pins.
VDD
10, 26, 38, 57
P
—
Positive supply for logic and I/O pins.
AVSS
20
P
—
Ground reference for analog modules.
AVDD
19
P
—
Positive supply for analog modules.
TABLE 1-2:
PIC18F6628/6723 (64-PIN) PINOUT I/O DESCRIPTIONS (CONTINUED)
Pin Name
Pin Number
Pin
Type
Buffer
Type
Description
TQFP
Legend: TTL = TTL compatible input
CMOS = CMOS compatible input or output
ST = Schmitt Trigger input with CMOS levels
Analog = Analog input
I
= Input
O
= Output
P= Power
I2C™
= I2C/SMBus input buffer
Note 1: Default assignment for ECCP2 when Configuration bit, CCP2MX, is set.
2: Alternate assignment for ECCP2 when Configuration bit, CCP2MX, is cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com