Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F8723I/PTSQTP Datasheet(PDF) 25 Page - Microchip Technology

Part # PIC18F8723I/PTSQTP
Description  64/80-Pin, 1-Mbit,Enhanced Flash Microcontrollers with 12-Bit A/D and nanoWatt Technology
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F8723I/PTSQTP Datasheet(HTML) 25 Page - Microchip Technology

Back Button PIC18F8723I/PTSQTP Datasheet HTML 21Page - Microchip Technology PIC18F8723I/PTSQTP Datasheet HTML 22Page - Microchip Technology PIC18F8723I/PTSQTP Datasheet HTML 23Page - Microchip Technology PIC18F8723I/PTSQTP Datasheet HTML 24Page - Microchip Technology PIC18F8723I/PTSQTP Datasheet HTML 25Page - Microchip Technology PIC18F8723I/PTSQTP Datasheet HTML 26Page - Microchip Technology PIC18F8723I/PTSQTP Datasheet HTML 27Page - Microchip Technology PIC18F8723I/PTSQTP Datasheet HTML 28Page - Microchip Technology PIC18F8723I/PTSQTP Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 60 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS39894A-page 23
PIC18F8723 FAMILY
PORTD is a bidirectional I/O port.
RD0/AD0/PSP0
RD0
AD0
PSP0
72
I/O
I/O
I/O
ST
TTL
TTL
Digital I/O.
External memory address/data 0.
Parallel Slave Port data.
RD1/AD1/PSP1
RD1
AD1
PSP1
69
I/O
I/O
I/O
ST
TTL
TTL
Digital I/O.
External memory address/data 1.
Parallel Slave Port data.
RD2/AD2/PSP2
RD2
AD2
PSP2
68
I/O
I/O
I/O
ST
TTL
TTL
Digital I/O.
External memory address/data 2.
Parallel Slave Port data.
RD3/AD3/PSP3
RD3
AD3
PSP3
67
I/O
I/O
I/O
ST
TTL
TTL
Digital I/O.
External memory address/data 3.
Parallel Slave Port data.
RD4/AD4/PSP4/SDO2
RD4
AD4
PSP4
SDO2
66
I/O
I/O
I/O
O
ST
TTL
TTL
—
Digital I/O.
External memory address/data 4.
Parallel Slave Port data.
SPI data out.
RD5/AD5/PSP5/
SDI2/SDA2
RD5
AD5
PSP5
SDI2
SDA2
65
I/O
I/O
I/O
I
I/O
ST
TTL
TTL
ST
I2C/SMB
Digital I/O.
External memory address/data 5.
Parallel Slave Port data.
SPI data in.
I2C™ data I/O.
RD6/AD6/PSP6/
SCK2/SCL2
RD6
AD6
PSP6
SCK2
SCL2
64
I/O
I/O
I/O
I/O
I/O
ST
TTL
TTL
ST
I2C/SMB
Digital I/O.
External memory address/data 6.
Parallel Slave Port data.
Synchronous serial clock input/output for SPI mode.
Synchronous serial clock input/output for I2C mode.
RD7/AD7/PSP7/SS2
RD7
AD7
PSP7
SS2
63
I/O
I/O
I/O
I
ST
TTL
TTL
TTL
Digital I/O.
External memory address/data 7.
Parallel Slave Port data.
SPI slave select input.
TABLE 1-3:
PIC18F8628/8723 (80-PIN) PINOUT I/O DESCRIPTIONS (CONTINUED)
Pin Name
Pin Number
Pin
Type
Buffer
Type
Description
TQFP
Legend: TTL = TTL compatible input
CMOS
= CMOS compatible input or output
ST = Schmitt Trigger input with CMOS levels
Analog
= Analog input
I
= Input
O
= Output
P= Power
I2C™/SMB = I2C/SMBus input buffer
Note 1: Alternate assignment for ECCP2 when Configuration bit, CCP2MX, is cleared (all operating modes except
Microcontroller mode).
2: Default assignment for ECCP2 in all operating modes (CCP2MX is set).
3: Alternate assignment for ECCP2 when CCP2MX is cleared (Microcontroller mode only).
4: Default assignment for P1B/P1C/P3B/P3C (ECCPMX is set).
5: Alternate assignment for P1B/P1C/P3B/P3C (ECCPMX is clear).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com