Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F8723I/PTSQTP Datasheet(PDF) 29 Page - Microchip Technology

Part # PIC18F8723I/PTSQTP
Description  64/80-Pin, 1-Mbit,Enhanced Flash Microcontrollers with 12-Bit A/D and nanoWatt Technology
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F8723I/PTSQTP Datasheet(HTML) 29 Page - Microchip Technology

Back Button PIC18F8723I/PTSQTP Datasheet HTML 25Page - Microchip Technology PIC18F8723I/PTSQTP Datasheet HTML 26Page - Microchip Technology PIC18F8723I/PTSQTP Datasheet HTML 27Page - Microchip Technology PIC18F8723I/PTSQTP Datasheet HTML 28Page - Microchip Technology PIC18F8723I/PTSQTP Datasheet HTML 29Page - Microchip Technology PIC18F8723I/PTSQTP Datasheet HTML 30Page - Microchip Technology PIC18F8723I/PTSQTP Datasheet HTML 31Page - Microchip Technology PIC18F8723I/PTSQTP Datasheet HTML 32Page - Microchip Technology PIC18F8723I/PTSQTP Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 60 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS39894A-page 27
PIC18F8723 FAMILY
PORTH is a bidirectional I/O port.
RH0/A16
RH0
A16
79
I/O
I/O
ST
TTL
Digital I/O.
External memory address/data 16.
RH1/A17
RH1
A17
80
I/O
I/O
ST
TTL
Digital I/O.
External memory address/data 17.
RH2/A18
RH2
A18
1
I/O
I/O
ST
TTL
Digital I/O.
External memory address/data 18.
RH3/A19
RH3
A19
2
I/O
I/O
ST
TTL
Digital I/O.
External memory address/data 19.
RH4/AN12/P3C
RH4
AN12
P3C(5)
22
I/O
I
O
ST
Analog
—
Digital I/O.
Analog input 12.
ECCP3 PWM output C.
RH5/AN13/P3B
RH5
AN13
P3B(5)
21
I/O
I
O
ST
Analog
—
Digital I/O.
Analog input 13.
ECCP3 PWM output B.
RH6/AN14/P1C
RH6
AN14
P1C(5)
20
I/O
I
O
ST
Analog
—
Digital I/O.
Analog input 14.
ECCP1 PWM output C.
RH7/AN15/P1B
RH7
AN15
P1B(5)
19
I/O
I
O
ST
Analog
—
Digital I/O.
Analog input 15.
ECCP1 PWM output B.
TABLE 1-3:
PIC18F8628/8723 (80-PIN) PINOUT I/O DESCRIPTIONS (CONTINUED)
Pin Name
Pin Number
Pin
Type
Buffer
Type
Description
TQFP
Legend: TTL = TTL compatible input
CMOS
= CMOS compatible input or output
ST = Schmitt Trigger input with CMOS levels
Analog
= Analog input
I
= Input
O
= Output
P= Power
I2C™/SMB = I2C/SMBus input buffer
Note 1: Alternate assignment for ECCP2 when Configuration bit, CCP2MX, is cleared (all operating modes except
Microcontroller mode).
2: Default assignment for ECCP2 in all operating modes (CCP2MX is set).
3: Alternate assignment for ECCP2 when CCP2MX is cleared (Microcontroller mode only).
4: Default assignment for P1B/P1C/P3B/P3C (ECCPMX is set).
5: Alternate assignment for P1B/P1C/P3B/P3C (ECCPMX is clear).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com