Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F8723I/PTSQTP Datasheet(PDF) 3 Page - Microchip Technology

Part # PIC18F8723I/PTSQTP
Description  64/80-Pin, 1-Mbit,Enhanced Flash Microcontrollers with 12-Bit A/D and nanoWatt Technology
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F8723I/PTSQTP Datasheet(HTML) 3 Page - Microchip Technology

  PIC18F8723I/PTSQTP Datasheet HTML 1Page - Microchip Technology PIC18F8723I/PTSQTP Datasheet HTML 2Page - Microchip Technology PIC18F8723I/PTSQTP Datasheet HTML 3Page - Microchip Technology PIC18F8723I/PTSQTP Datasheet HTML 4Page - Microchip Technology PIC18F8723I/PTSQTP Datasheet HTML 5Page - Microchip Technology PIC18F8723I/PTSQTP Datasheet HTML 6Page - Microchip Technology PIC18F8723I/PTSQTP Datasheet HTML 7Page - Microchip Technology PIC18F8723I/PTSQTP Datasheet HTML 8Page - Microchip Technology PIC18F8723I/PTSQTP Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 60 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS39894A-page 1
PIC18F8723 FAMILY
Peripheral Highlights:
• 12-Bit, Up to 16-Channel Analog-to-Digital
Converter module (A/D):
- Auto-acquisition capability
- Conversion available during Sleep
• Two Master Synchronous Serial Port (MSSP)
modules supporting 2/3/4-Wire SPI (all four
modes) and I2C™ Master and Slave modes
• Two Capture/Compare/PWM (CCP) modules
• Three Enhanced Capture/Compare/PWM (ECCP)
modules:
- One, two or four PWM outputs
- Selectable polarity
- Programmable dead time
- Auto-shutdown and auto-restart
• Two Enhanced Addressable USART modules:
- Supports RS-485, RS-232 and LIN 1.2
- Auto-wake-up on Start bit
- Auto-Baud Detect
• Dual Analog Comparators with Input Multiplexing
• High-Current Sink/Source 25 mA/25 mA
• Four Programmable External Interrupts
• Four Input Change Interrupts
External Memory Interface:
• Address Capability of Up to 2 Mbytes
• 8-Bit or 16-Bit Interface
• 8, 12, 16 and 20-Bit Address modes
Power-Managed Modes:
• Run: CPU on, Peripherals on
• Idle: CPU off, Peripherals on
• Sleep: CPU off, Peripherals off
• Idle mode Currents Down to 15
μA Typical
• Sleep Current Down to 0.2
μA Typical
• Timer1 Oscillator: 1.8
μA, 32 kHz, 2V
• Watchdog Timer: 2.1
μA
Special Microcontroller Features:
• C Compiler Optimized Architecture:
- Optional extended instruction set designed to
optimize re-entrant code
• 100,000 Erase/Write Cycle Enhanced Flash
Program Memory Typical
• 1,000,000 Erase/Write Cycle Data EEPROM
Memory Typical
• Flash/Data EEPROM Retention: 100 Years Typical
• Self-Programmable under Software Control
• Priority Levels for Interrupts
• 8 x 8 Single-Cycle Hardware Multiplier
• Extended Watchdog Timer (WDT):
- Programmable period from 4 ms to 131s
• Single-Supply In-Circuit Serial Programming™
(ICSP™) via Two Pins
• In-Circuit Debug (ICD) via Two Pins
• Wide Operating Voltage Range: 2.0V to 5.5V
• Fail-Safe Clock Monitor
• Two-Speed Oscillator Start-up
• nanoWatt Technology
Note:
This document is supplemented by the
“PIC18F8722
Family
Data
Sheet”
(DS39646). See Section 1.0 “Device
Overview”.
Device
Program Memory
Data Memory
I/O
12-Bit
A/D (ch)
CCP/
ECCP
(PWM)
MSSP
Flash
(bytes)
# Single-Word
Instructions
SRAM
(bytes)
EEPROM
(bytes)
SPI
Master
I2C™
PIC18F6628
96K
49152
3936
1024
54
12
2/3
2
Y
Y
2
2
2/3
N
PIC18F6723
128K
65536
3936
1024
54
12
2/3
2
Y
Y
2
2
2/3
N
PIC18F8628
96K
49152
3936
1024
70
16
2/3
2
Y
Y
2
2
2/3
Y
PIC18F8723
128K
65536
3936
1024
70
16
2/3
2
Y
Y
2
2
2/3
Y
64/80-Pin, 1-Mbit, Enhanced Flash Microcontrollers
with 12-Bit A/D and nanoWatt Technology



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com