Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F8723I/PTSQTP Datasheet(PDF) 45 Page - Microchip Technology

Part # PIC18F8723I/PTSQTP
Description  64/80-Pin, 1-Mbit,Enhanced Flash Microcontrollers with 12-Bit A/D and nanoWatt Technology
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F8723I/PTSQTP Datasheet(HTML) 45 Page - Microchip Technology

Back Button PIC18F8723I/PTSQTP Datasheet HTML 41Page - Microchip Technology PIC18F8723I/PTSQTP Datasheet HTML 42Page - Microchip Technology PIC18F8723I/PTSQTP Datasheet HTML 43Page - Microchip Technology PIC18F8723I/PTSQTP Datasheet HTML 44Page - Microchip Technology PIC18F8723I/PTSQTP Datasheet HTML 45Page - Microchip Technology PIC18F8723I/PTSQTP Datasheet HTML 46Page - Microchip Technology PIC18F8723I/PTSQTP Datasheet HTML 47Page - Microchip Technology PIC18F8723I/PTSQTP Datasheet HTML 48Page - Microchip Technology PIC18F8723I/PTSQTP Datasheet HTML 49Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 60 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS39894A-page 43
PIC18F8723 FAMILY
FIGURE 4-3:
PIC18LF8723 FAMILY VOLTAGE-FREQUENCY GRAPH (INDUSTRIAL)
Frequency
6.0V
5.5V
4.5V
4.0V
2.0V
FMAX
5.0V
3.5V
3.0V
2.5V
In 8-Bit External Memory mode:
Note: VDDAPPMIN is the minimum voltage of the PIC® device in the application.
4 MHz
4.2V
FMAX = (9.55 MHz/V) (VDDAPPMIN – 2.0V) + 4 MHz, if VDDAPPMIN
≤ 4.2V;
FMAX = 25 MHz, if VDDAPPMIN > 4.2V.
In all other modes:
FMAX = (16.36 MHz/V) (VDDAPPMIN – 2.0V) + 4 MHz;
FMAX = 40 MHz, if VDDAPPMIN > 4.2V.
PIC18LF8723 Family



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com