Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SS14MDP2 Datasheet(PDF) 19 Page - Texas Instruments

Part # SS14MDP2
Description  Contains all support circuitry needed for the ADS1146/ADS1246
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SS14MDP2 Datasheet(HTML) 19 Page - Texas Instruments

Back Button SS14MDP2 Datasheet HTML 15Page - Texas Instruments SS14MDP2 Datasheet HTML 16Page - Texas Instruments SS14MDP2 Datasheet HTML 17Page - Texas Instruments SS14MDP2 Datasheet HTML 18Page - Texas Instruments SS14MDP2 Datasheet HTML 19Page - Texas Instruments SS14MDP2 Datasheet HTML 20Page - Texas Instruments SS14MDP2 Datasheet HTML 21Page - Texas Instruments SS14MDP2 Datasheet HTML 22Page - Texas Instruments SS14MDP2 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
9.1.1.2
Supply Configuration
www.ti.com
Evaluating Performance with the ADCPro Software
The System Monitor button allows you to access the internal system monitor channels of the ADS1246.
When pressed, this button disables the other analog input channel controls, and the system monitor
channel selections are enabled. You can select Offset, Gain, or Temperature as the channel to convert.
Note that some of these channels are scaled by a factor when read; refer to the ADS1246 data sheet to
determine these factors.
The PGA Gain control sets the PGA gain, and the Data Rate control sets the data rate for the device.
Note that the data rate can go quite low; therefore, if the block size is large, the time it takes to collect a
block of data can be quite long. It is advisable to first test collection at the higher data rates. Once a test is
known to work properly, drop down to the lower data rate and allow sufficient time to collect the data.
The BCS control sets the current level of the burnout current sources; it may be set Off, or to 0.5
µA, 2µA,
or 10
µA.
The Power Down control powers down the ADS1246. Note that no data can be collected if the Power
Down button is activated.
This section controls the selection of the power supply mode and reference voltage.
The Power Supply control selects between single supply (+5V) mode and bipolar supply (
±2.5V) mode.
The EVM draws its supply voltages from the MMB3 motherboard, and has onboard circuitry to select
between the +5V and bipolar supplies.
The VREF value is set to 2.048V, with switch S1 set to BUFF. S1 should not be set to the AVDD position,
in order to prevent the reference from exceeding the maximum specified input.
SBAU149A – June 2009 – Revised July 2009
ADS1146EVM, ADS1246EVM, ADS1146EVM-PDK, ADS1246EVM-PDK
19
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com