Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SS14MDP2 Datasheet(PDF) 23 Page - Texas Instruments

Part # SS14MDP2
Description  Contains all support circuitry needed for the ADS1146/ADS1246
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SS14MDP2 Datasheet(HTML) 23 Page - Texas Instruments

Back Button SS14MDP2 Datasheet HTML 19Page - Texas Instruments SS14MDP2 Datasheet HTML 20Page - Texas Instruments SS14MDP2 Datasheet HTML 21Page - Texas Instruments SS14MDP2 Datasheet HTML 22Page - Texas Instruments SS14MDP2 Datasheet HTML 23Page - Texas Instruments SS14MDP2 Datasheet HTML 24Page - Texas Instruments SS14MDP2 Datasheet HTML 25Page - Texas Instruments SS14MDP2 Datasheet HTML 26Page - Texas Instruments SS14MDP2 Datasheet HTML 27Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 23 / 27 page
background image
9.2
Troubleshooting
10
Schematics and Layout
10.1 Bill of Materials
www.ti.com
Schematics and Layout
If the ADS1246EVM plug-in cannot find the ADS1246EVM-PDK, press the USB RESET button on the
MMB3 (refer to Figure 6) and try again.
If ADCPro stops responding while the ADS1246EVM-PDK is connected, try unplugging the USB cable
from the PDK. Unload and reload the plug-in before reapplying power to the PDK.
Schematics for the ADS1146EVM and ADS1246EVM are appended to this user's guide. The bill of
materials is provided in Table 7.
Note:
All components should be compliant with the European Union Restriction on Use of
Hazardous Substances (RoHS) Directive. Some part numbers may be either leaded or
RoHS. Verify that purchased components are RoHS-compliant. (For more information about
TI's position on RoHS compliance, see the http://www.ti.com.)
Table 7. ADS1146EVM/ADS1246EVM Bill of Materials
Item No.
Qty
Value
Ref Des
Description
Vendor
Part Number
1
1
N/A
ADS1246 EVM PWB
Texas Instruments
6508033
2
4
1
µF
C1-C3, C17
Capacitor, X7R Ceramic 1
µF
TDK
C1608X7R1C105KT
±10%, 16WV, Size = 0603
3
2
22
µF
C4, C5
Capacitor, X5R Ceramic 22
µF
TDK
C3225X5R1C226MT
±20%, 16WV, Size = 1210
4
9
0.1
µF
C6-C13, C15
Capacitor, X7R Ceramic 0.1
µF
TDK
C1608X7R1E104KT
±10%, 25WV, Size = 0603
5
1
0.15
µF
C14
Capacitor, X7R Ceramic
Murata
GRM188R71C154KA0
0.15
µF ±10%, 16WV, Size =
1D
0603
6
6
10
µF
C16, C18, C19,
Capacitor, X5R Ceramic 10
µF
TDK
C2012X5R0J106MT
C21-C23
±20%, 6.3WV, Size = 0805
7
2
47pF
C24, C25
Capacitor, C0G Ceramic 47pF
TDK
C1608C0G1H470JT
±5%, 50WV, Size = 0603
8
1
10nF
C20
Capacitor, C0G Ceramic 10nF
TDK
C1608C0G1E103JT
±5%, 25WV, Size = 0603
9
3
D1, D2, D5
DIODE SCHOTTKY 30V
Fairchild
BAT54
200MA SOT-23
10
2
D3, D4
5.1V, Zener Diode
On Semiconductor
MMBZ5231BLT1G
11
2
J1, J2
Header Strip, 3-pin ( )
Samtec
TSW-103-07-L-S
12
1
J3A
10-pin SMT Plug
Samtec
TSM-105-01-L-DV-P
13
1
J3B
10-pin SMT Socket
Samtec
SSW-105-22-F-D-VS-K
14
1
J4
Terminal Block, 3 position
On Shore
ED555/3DS
Technology
15
0
J5
Header Strip, 6-pin ( )
16
2
J6, J9
Header Strip, 2 pin ( )
Samtec
TSW-102-07-L-S
17
2
J7A, J8A
20-pin SMT Plug
Samtec
TSM-110-01-L-DV-P
18
2
J7B, J8B
20-pin SMT Socket
Samtec
SSW-110-22-F-D-VS-K
19
1
J10
Header Strip, 10-pin ( )
Samtec
TSW-105-07-L-D
20
2
Q1, Q2
MOSFET, P-Channel, 2.5V
Fairchild
FDN302P
21
1
Q3
Enhancement Mode FET,
Fairchild
FDN337N
N-Channel
22
1
100k
Ω
RA1
Resistor, 8 Thick Film Chip
CTS
745C101104JPTR
Array 100k
Ω, 5%, 63mW
SBAU149A – June 2009 – Revised July 2009
ADS1146EVM, ADS1246EVM, ADS1146EVM-PDK, ADS1246EVM-PDK
23
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com