Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SS14MDP2 Datasheet(PDF) 4 Page - Texas Instruments

Part # SS14MDP2
Description  Contains all support circuitry needed for the ADS1146/ADS1246
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SS14MDP2 Datasheet(HTML) 4 Page - Texas Instruments

  SS14MDP2 Datasheet HTML 1Page - Texas Instruments SS14MDP2 Datasheet HTML 2Page - Texas Instruments SS14MDP2 Datasheet HTML 3Page - Texas Instruments SS14MDP2 Datasheet HTML 4Page - Texas Instruments SS14MDP2 Datasheet HTML 5Page - Texas Instruments SS14MDP2 Datasheet HTML 6Page - Texas Instruments SS14MDP2 Datasheet HTML 7Page - Texas Instruments SS14MDP2 Datasheet HTML 8Page - Texas Instruments SS14MDP2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
2
Analog Interface
3
Digital Interface
3.1
Serial Data Interface
Analog Interface
www.ti.com
For maximum flexibility, the ADS1246EVM is designed for easy interfacing to multiple analog sources.
Samtec part numbers SSW-110-22-F-D-VS-K and TSM-110-01-T-DV-P provide a convenient 10-pin,
dual-row, header/socket combination at J8. This header/socket provides access to the analog input pins of
the ADS1246. Consult Samtec at http://www.samtec.com or call 1-800-SAMTEC-9 for a variety of mating
connector options. These signals can also be connected to the terminal block J4.
All of the pins on J4 and J8 are connected with minimal filtering or protection. Use appropriate caution
when handling these pins. Table 1 summarizes the pinouts for analog interfaces J4 and J8.
Table 1. J8/J4: Analog Interface Pinout
Description,
Pin Number
Signal
ADS1146/ADS1246
J8.1, J4-2
A0(–)
AINN
J8.2, J4-1
A0(+)
AINP
J8.3-8
Unused
—
J8.18
REF–
External Reference source input
(– side of differential input)
J8.20
REF+
External Reference source input
(+ side of differential input)
J8.10-16 (even)
Unused
—
J8.15
Unused
—
J8.9-19 (odd), J4-9
AGND
Analog ground connections
(except J8.15)
The ADS1246EVM is designed to easily interface with multiple control platforms. Samtec part numbers
SSW-110-22-F-D-VS-K and TSM-110-01-T-DV-P provide a convenient 10-pin, dual-row, header/socket
combination at J7. This header/socket provides access to the digital control and serial data pins of the
ADC. Consult Samtec at http://www.samtec.com or call 1-800-SAMTEC-9 for a variety of mating
connector options.
All logic levels on J7 are 3.3V CMOS, except for the I2C™ pins. These pins conform to 3.3V I2C rules.
Table 2 describes the J7 serial interface pins.
Table 2. J7: Serial Interface Pins
Pin No.
Pin Name
Signal Name
I/O Type
Pullup
Function
J7.1
CNTL
CS
In
High
J7.2
GPIO0
START
In
High
J7.3
CLKX
SCLK
In
None
ADS1246 SPI
clock
J7.4
DGND
DGND
In/Out
None
Digital ground
J7.5
CLKR
Unused
—
None
J7.6
GPIO1
MR
In
High
Master reset
J7.7
FSX
Unused
—
None
J7.8
GPIO2
Unused
—
None
J7.9
FSR
DRDY
Out
None
J7.10
DGND
DGND
In/Out
None
Digital ground
J7.11
DX
DIN
In
None
ADS1246 SPI
data in
4
ADS1146EVM, ADS1246EVM, ADS1146EVM-PDK, ADS1246EVM-PDK
SBAU149A – June 2009 – Revised July 2009
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com