Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SS14MDP2 Datasheet(PDF) 5 Page - Texas Instruments

Part # SS14MDP2
Description  Contains all support circuitry needed for the ADS1146/ADS1246
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SS14MDP2 Datasheet(HTML) 5 Page - Texas Instruments

  SS14MDP2 Datasheet HTML 1Page - Texas Instruments SS14MDP2 Datasheet HTML 2Page - Texas Instruments SS14MDP2 Datasheet HTML 3Page - Texas Instruments SS14MDP2 Datasheet HTML 4Page - Texas Instruments SS14MDP2 Datasheet HTML 5Page - Texas Instruments SS14MDP2 Datasheet HTML 6Page - Texas Instruments SS14MDP2 Datasheet HTML 7Page - Texas Instruments SS14MDP2 Datasheet HTML 8Page - Texas Instruments SS14MDP2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
4
Power Supplies
www.ti.com
Power Supplies
Table 2. J7: Serial Interface Pins (continued)
Pin No.
Pin Name
Signal Name
I/O Type
Pullup
Function
J7.12
GPIO3
PWRSEL
In
High
Selects
±2.5V
or +5V supply
J7.13
DR
DOUT/DRDY
Out
None
ADS1246 data
out
J7.14
GPIO4
Unused
—
None
J7.15
INT
DRDY
Out
None
J7.16
SCL
SCL
I2C
High
I2C clock
J7.17
TOUT
CLK
In
None
Can be used to
provide a clock
from a
processor
J7.18
DGND
DGND
In/Out
None
Digital ground
J7.19
GPIO5
CLK Select
—
None
J7.20
SDA
SDA
I2C
High
I2C data
Many pins on J7 have weak pull-up resistors. These resistors provide default settings for many of the
control pins. Many pins on J7 correspond directly to ADS1246 pins. See the ADS1246 data sheet for
complete details on these pins.
J3 is the power-supply input connector. Table 3 lists the configuration details for J3.
Table 3. J3 Configuration: Power-Supply Input
Pin No.
Pin Name
Function
Required
J3.1
+VA
Unused
No
J3.2
–VA
Unused
No
J3.3
+5VA
+5V analog supply
Always
J3.4
–5VA
–5V analog supply
Only in bipolar mode
J3.5
DGND
Digital ground input
Yes
J3.6
AGND
Analog ground input
Yes
J3.7
+1.8VD
1.8V digital supply
No
J3.8
+3.3VD
3.3V digital supply
Always
J3.9
VD1
Unused
No
J3.10
+5VD
+5V digital supply
No
All of the power supplies (AVDD, AVSS, and DVDD) have corresponding jumpers on J10 that can be
replaced with a current meter to measure the respective supply currents.
SBAU149A – June 2009 – Revised July 2009
ADS1146EVM, ADS1246EVM, ADS1146EVM-PDK, ADS1246EVM-PDK
5
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com