Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SS14MDP2 Datasheet(PDF) 11 Page - Texas Instruments

Part # SS14MDP2
Description  Contains all support circuitry needed for the ADS1146/ADS1246
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SS14MDP2 Datasheet(HTML) 11 Page - Texas Instruments

Back Button SS14MDP2 Datasheet HTML 7Page - Texas Instruments SS14MDP2 Datasheet HTML 8Page - Texas Instruments SS14MDP2 Datasheet HTML 9Page - Texas Instruments SS14MDP2 Datasheet HTML 10Page - Texas Instruments SS14MDP2 Datasheet HTML 11Page - Texas Instruments SS14MDP2 Datasheet HTML 12Page - Texas Instruments SS14MDP2 Datasheet HTML 13Page - Texas Instruments SS14MDP2 Datasheet HTML 14Page - Texas Instruments SS14MDP2 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
8.2.1
About the MMB3
+5VA
-5VA
+5VD
+3.3V
+1.8V
+10V
-10V
PWR&VREF
USB
USB
RESET
DAC1220
TUSB3410
MSP430F449
+1
-1
DAC
IN
OUT
Analog
Daughtercard
Modular
Connectors
Power
Powerfrom
PWR&VREFBlock
Serial
Joystick
RESET
OPER
LCDDISPLAY
BSL
2.5V
Suppliedto
Daughtercard
PowerConnector
www.ti.com
ADS1246EVM-PDK Kit Operation
CAUTION
Do not misalign the pins when plugging the ADS1246EVM into the MMB3.
Check the pin alignment carefully before applying power to the PDK.
Step 4.
Set the jumpers and switches on the ADS1246EVM as shown in Figure 3 (note that these
settings are the factory-configured settings for the EVM).
The MMB3 is a Modular EVM System motherboard. It is designed around the MSP430F449, a low-power
microcontroller from Texas Instruments. Figure 8 shows a block diagram of the MMB3.
Figure 8. MMB3 Block Diagram
The MMB3 was designed to be used as a stand-alone demonstration platform for low-speed data
converters. It features an onboard 20-bit digital-to-analog converter (DAC) that can be used as a signal
source for an ADC under test, and has a joystick for control of functions on the board when it is not
controlled by a PC. These features are experimental and not supported in the ADS1246EVM-PDK at
this time.
The MMB3 derives power from the USB interface, and generates +5VD, 3.3V, and 1.8V, as well as +5VA,
–5VA, and
±10V. The ±10V is supplied to the daughtercard power connector as +VA and –VA.
SBAU149A – June 2009 – Revised July 2009
ADS1146EVM, ADS1246EVM, ADS1146EVM-PDK, ADS1246EVM-PDK
11
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com