Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M40SZ100WMH6E Datasheet(PDF) 7 Page - STMicroelectronics

Part # M40SZ100WMH6E
Description  5 V or 3 V NVRAM supervisor for LPSRAM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M40SZ100WMH6E Datasheet(HTML) 7 Page - STMicroelectronics

Back Button M40SZ100WMH6E Datasheet HTML 3Page - STMicroelectronics M40SZ100WMH6E Datasheet HTML 4Page - STMicroelectronics M40SZ100WMH6E Datasheet HTML 5Page - STMicroelectronics M40SZ100WMH6E Datasheet HTML 6Page - STMicroelectronics M40SZ100WMH6E Datasheet HTML 7Page - STMicroelectronics M40SZ100WMH6E Datasheet HTML 8Page - STMicroelectronics M40SZ100WMH6E Datasheet HTML 9Page - STMicroelectronics M40SZ100WMH6E Datasheet HTML 10Page - STMicroelectronics M40SZ100WMH6E Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
M40SZ100Y, M40SZ100W
Description
Doc ID 7528 Rev 3
7/24
Figure 3.
SOIC28 connections
Figure 4.
Block diagram
1.
Open drain output
AI03934
8
2
3
4
5
6
7
9
10
11
12
13
14
22
21
20
19
18
17
16
15
28
27
26
25
24
23
1
RSTIN
NC
BL
NC
NC
NC
NC
NC
RST
NC
NC
NC
NC
E
PFI
VOUT
NC
NC
NC
PFO
NC
VSS
ECON
NC
NC
VCC
M40SZ100Y
M40SZ100W
NC
NC
AI04766
COMPARE
VPFD= 4.4V
VCC
COMPARE
VSO = 2.5V
VOUT
VBL= 2.5V
BL
(1)
COMPARE
1.25V
PFI
PFO
POR
VBAT
COMPARE
E
RSTIN
ECON
(2.65V for SZ100W)
RST
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com