Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M40SZ100WMH6E Datasheet(PDF) 17 Page - STMicroelectronics

Part # M40SZ100WMH6E
Description  5 V or 3 V NVRAM supervisor for LPSRAM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M40SZ100WMH6E Datasheet(HTML) 17 Page - STMicroelectronics

Back Button M40SZ100WMH6E Datasheet HTML 13Page - STMicroelectronics M40SZ100WMH6E Datasheet HTML 14Page - STMicroelectronics M40SZ100WMH6E Datasheet HTML 15Page - STMicroelectronics M40SZ100WMH6E Datasheet HTML 16Page - STMicroelectronics M40SZ100WMH6E Datasheet HTML 17Page - STMicroelectronics M40SZ100WMH6E Datasheet HTML 18Page - STMicroelectronics M40SZ100WMH6E Datasheet HTML 19Page - STMicroelectronics M40SZ100WMH6E Datasheet HTML 20Page - STMicroelectronics M40SZ100WMH6E Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
M40SZ100Y, M40SZ100W
DC and AC parameters
Doc ID 7528 Rev 3
17/24
Table 7.
DC characteristics
Sym
Parameter
Test condition(1)
M40SZ100Y
M40SZ100W
Unit
Min
Typ
Max
Min
Typ
Max
ICC
Supply current
Outputs open
1
0.5
mA
ICCDR
Data retention mode
current(2)
50
200
50
200
nA
ILI
(3)
Input leakage current
0 V
≤ VIN ≤ VCC
±1
±1
µA
Input leakage current
(PFI)
–25
2
25
–25
2
25
nA
ILO
(4)
Output leakage current
0 V
≤ VOUT ≤ VCC
±1
±1
µA
IOUT1
(5) V
OUT current (active)
VOUT > VCC – 0.3
175
100
mA
IOUT2
VOUT current (battery
backup)
VOUT > VBAT – 0.3
100
100
µA
VBAT
Battery voltage
2.5
3.0
3.5(6)
2.5
3.0
3.5(6)
V
VIH
Input high voltage
0.7VCC
VCC + 0.3
0.7VCC
VCC + 0.3
V
VIL
Input low voltage
–0.3
0.3VCC
–0.3
0.3VCC
V
VOH
Output high voltage(7)
IOH = –1.0 mA
2.4
2.4
V
VOHB
VOH battery backup
(8)
IOUT2 = –1.0 µA
2.5
2.9
3.5
2.5
2.9
3.5
V
VOL
Output low voltage
IOL = 3.0 mA
0.4
0.4
V
Output low voltage
(open drain)(9)
IOL = 10 mA
0.4
0.4
V
VPFD
Power-fail deselect
voltage
4.20
4.4
0
4.50
2.55
2.60
2.70
V
VPFI
PFI input threshold
VCC = 5 V(Y)
VCC = 3 V(V)
1.225
1.2
50
1.275
1.225
1.25
0
1.275
V
PFI hysteresis
PFI rising
20
70
20
70
mV
VSO
Battery backup
switchover voltage
2.5
2.5
V
1.
Valid for ambient operating temperature: TA = –40 to 85 °C; VCC = 2.7 to 3.6 V or 4.5 to 5.5 V(except where noted).
2.
Measured with VOUT and ECON open.
3.
RSTIN internally pulled-up to VCC through 100 kΩ resistor.
4.
Outputs deselected.
5.
External SRAM must match SUPERVISOR chip VCC specification (3 V or 5 V).
6.
For rechargeable backup, VBAT (max) may be considered VCC – 0.5 V.
7.
For PFO pin (CMOS).
8.
Chip enable output (ECON) can only sustain CMOS leakage currents in the battery backup mode. Higher leakage currents
will reduce battery life.
9.
For RST & BL pins (open drain).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com