Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M40SZ100WMH6E Datasheet(PDF) 9 Page - STMicroelectronics

Part # M40SZ100WMH6E
Description  5 V or 3 V NVRAM supervisor for LPSRAM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M40SZ100WMH6E Datasheet(HTML) 9 Page - STMicroelectronics

Back Button M40SZ100WMH6E Datasheet HTML 5Page - STMicroelectronics M40SZ100WMH6E Datasheet HTML 6Page - STMicroelectronics M40SZ100WMH6E Datasheet HTML 7Page - STMicroelectronics M40SZ100WMH6E Datasheet HTML 8Page - STMicroelectronics M40SZ100WMH6E Datasheet HTML 9Page - STMicroelectronics M40SZ100WMH6E Datasheet HTML 10Page - STMicroelectronics M40SZ100WMH6E Datasheet HTML 11Page - STMicroelectronics M40SZ100WMH6E Datasheet HTML 12Page - STMicroelectronics M40SZ100WMH6E Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
M40SZ100Y, M40SZ100W
Operation
Doc ID 7528 Rev 3
9/24
2
Operation
The M40SZ100Y/W, as shown in Figure 5 on page 8, can control one (two, if placed in
parallel) standard low-power SRAM. This SRAM must be configured to have the chip enable
input disable all other input signals. Most slow, low-power SRAMs are configured like this,
however many fast SRAMs are not. During normal operating conditions, the conditioned
chip enable (ECON) output pin follows the chip enable (E) input pin with timing shown in
Table2 on page11. An internal switch connects VCC to VOUT. This switch has a voltage drop
of less than 0.3 V (IOUT1).
When VCC degrades during a power failure, ECON is forced inactive independent of E. In this
situation, the SRAM is unconditionally write protected as VCC falls below an out-of-tolerance
threshold (VPFD). For the M40SZ100Y/W the power fail detection value associated with
VPFD is shown in Table 7 on page 17.
If chip enable access is in progress during a power fail detection, that memory cycle
continues to completion before the memory is write protected. If the memory cycle is not
terminated within time tWPT, ECON is unconditionally driven high, write protecting the SRAM.
A power failure during a WRITE cycle may corrupt data at the currently addressed location,
but does not jeopardize the rest of the SRAM's contents. At voltages below VPFD (min), the
user can be assured the memory will be write protected within the Write Protect Time (tWPT)
provided the VCC fall time does not exceed tF (see Table 2 on page 11).
As VCC continues to degrade, the internal switch disconnects VCC and connects the internal
battery to VOUT. This occurs at the switchover voltage (VSO). Below the VSO, the battery
provides a voltage VOHB to the SRAM and can supply current IOUT2 (see Table 7 on
page 17).
When VCC rises above VSO, VOUT is switched back to the supply voltage. Output ECON is
held inactive for tCER (120ms maximum) after the power supply has reached VPFD,
independent of the E input, to allow for processor stabilization (see Figure 7 on page 11).
2.1
Data retention lifetime calculation
Most low power SRAMs on the market today can be used with the M40SZ100Y/W NVRAM
Controller. There are, however some criteria which should be used in making the final
choice of which SRAM to use. The SRAM must be designed in a way where the chip enable
input disables all other inputs to the SRAM. This allows inputs to the M40SZ100Y/W and
SRAMs to be “Don't care” once VCC falls below VPFD(min) (see Figure 6 on page 10). The
SRAM should also guarantee data retention down to VCC = 2.0 V. The chip enable access
time must be sufficient to meet the system needs with the chip enable propagation delays
included.
If data retention lifetime is a critical parameter for the system, it is important to review the
data retention current specifications for the particular SRAMs being evaluated. Most SRAMs
specify a data retention current at 3.0 V. Manufacturers generally specify a typical condition
for room temperature along with a worst case condition (generally at elevated
temperatures). The system level requirements will determine the choice of which value to
use. The data retention current value of the SRAMs can then be added to the ICCDR value of
the M40SZ100Y/W to determine the total current requirements for data retention. The
available battery capacity for the SNAPHAT® of your choice (see Table 13 on page 22) can
then be divided by this current to determine the amount of data retention available.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com