Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M40SZ100WMH6E Datasheet(PDF) 22 Page - STMicroelectronics

Part # M40SZ100WMH6E
Description  5 V or 3 V NVRAM supervisor for LPSRAM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M40SZ100WMH6E Datasheet(HTML) 22 Page - STMicroelectronics

Back Button M40SZ100WMH6E Datasheet HTML 16Page - STMicroelectronics M40SZ100WMH6E Datasheet HTML 17Page - STMicroelectronics M40SZ100WMH6E Datasheet HTML 18Page - STMicroelectronics M40SZ100WMH6E Datasheet HTML 19Page - STMicroelectronics M40SZ100WMH6E Datasheet HTML 20Page - STMicroelectronics M40SZ100WMH6E Datasheet HTML 21Page - STMicroelectronics M40SZ100WMH6E Datasheet HTML 22Page - STMicroelectronics M40SZ100WMH6E Datasheet HTML 23Page - STMicroelectronics M40SZ100WMH6E Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
Part numbering
M40SZ100Y, M40SZ100W
22/24
Doc ID 7528 Rev 3
6
Part numbering
Table 12.
Ordering information scheme
Caution:
Do not place the SNAPHAT battery package “M4Zxx-BR00SH” in conductive foam as it will
drain the lithium button-cell battery.
For a list of available options (e.g., speed, package) or for further information on any aspect
of this device, please contact the ST sales office nearest to you.
Table 13.
SNAPHAT® battery table
Example:
M40SZ
100Y
MQ
6
E
Device type
M40SZ
Supply voltage and write protect voltage
100Y(1) = VCC = 4.5 to 5.5 V; VPFD = 4.2 to 4.5 V
1.
Contact local ST sales office for availability.
100W = VCC = 2.7 to 3.6 V; VPFD = 2.6 to 2.7 V
Package
MQ = SO16
MH(1)(2)= SOH28
2.
The SOIC package (SOH28) requires the battery package (SNAPHAT®) which is ordered separately
under the part number “M4ZXX-BR00SHX” in plastic tube or “M4ZXX-BR00SHXTR” in tape & reel form.
Temperature range
6 = –40 to 85 °C
Shipping method
E(1) = Lead-free ECOPACK® package, tubes
F = Lead-free ECOPACK® package, tape & reel
Part number
Description
Package
M4Z28-BR00SH
SNAPHAT housing for 48 mAh battery
SH
M4Z32-BR00SH
SNAPHAT housing for 120 mAh battery
SH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com