Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M40SZ100WMH6E Datasheet(PDF) 11 Page - STMicroelectronics

Part # M40SZ100WMH6E
Description  5 V or 3 V NVRAM supervisor for LPSRAM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M40SZ100WMH6E Datasheet(HTML) 11 Page - STMicroelectronics

Back Button M40SZ100WMH6E Datasheet HTML 7Page - STMicroelectronics M40SZ100WMH6E Datasheet HTML 8Page - STMicroelectronics M40SZ100WMH6E Datasheet HTML 9Page - STMicroelectronics M40SZ100WMH6E Datasheet HTML 10Page - STMicroelectronics M40SZ100WMH6E Datasheet HTML 11Page - STMicroelectronics M40SZ100WMH6E Datasheet HTML 12Page - STMicroelectronics M40SZ100WMH6E Datasheet HTML 13Page - STMicroelectronics M40SZ100WMH6E Datasheet HTML 14Page - STMicroelectronics M40SZ100WMH6E Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
M40SZ100Y, M40SZ100W
Operation
Doc ID 7528 Rev 3
11/24
Figure 7.
Power up timing
Table 2.
Power down/up AC characteristics
Symbol
Parameter(1)
1.
Valid for ambient operating temperature: TA = –40 to 85 °C; VCC = 2.7 to 3.6 V or 4.5 to 5.5 V(except where noted).
Min
Max
Unit
tF
(2)
2.
VPFD (max) to VPFD (min) fall time of less than tF may result in deselection/write protection not occurring until 200 µs after
VCC passes VPFD (min).
VPFD (max) to VPFD (min) VCC fall time
300
µs
tFB
(3)
3.
VPFD (min) to VSS fall time of less than tFB may cause corruption of RAM data.
VPFD (min) to VSS VCC fall time
10
µs
tPFD
PFI to PFO propagation delay
15
25
µs
tR
VPFD(min) to VPFD (max) VCC rise time
10
µs
tEPD
Chip enable propagation delay (low or high)
M40SZ100Y
10
ns
M40SZ100W
15
ns
tRB
VSS to VPFD (min) VCC rise time
1
µs
tCER
Chip enable recovery
40
120
ms
tREC
VPFD (max) to RST high
40
200
ms
tWPT
Write protect time
40
200
µs
AI03937
VCC
E
ECON
tR
tCER
VOHB
VPFD (max)
VPFD (min)
VSO
VPFD
tEPD
tEPD
RST
tREC
tRB
VALID
PFO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com