Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSD4235G2V Datasheet(PDF) 52 Page - STMicroelectronics

Part # PSD4235G2V
Description  Flash in-system programmable (ISP) peripherals for 16-bit MCUs (3.3 V supply)
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD4235G2V Datasheet(HTML) 52 Page - STMicroelectronics

Back Button PSD4235G2V_09 Datasheet HTML 48Page - STMicroelectronics PSD4235G2V_09 Datasheet HTML 49Page - STMicroelectronics PSD4235G2V_09 Datasheet HTML 50Page - STMicroelectronics PSD4235G2V_09 Datasheet HTML 51Page - STMicroelectronics PSD4235G2V_09 Datasheet HTML 52Page - STMicroelectronics PSD4235G2V_09 Datasheet HTML 53Page - STMicroelectronics PSD4235G2V_09 Datasheet HTML 54Page - STMicroelectronics PSD4235G2V_09 Datasheet HTML 55Page - STMicroelectronics PSD4235G2V_09 Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 124 page
background image
PLDS
PSD4235G2V
52/124
15
PLDS
The PLDs bring programmable logic functionality to the PSD. After specifying the logic for
the PLDs using PSDsoft Express, the logic is programmed into the device and available
upon Power-up.
The PSD contains two PLDs: the Decode PLD (DPLD), and the Complex PLD (CPLD). The
PLDs are briefly discussed in the next few paragraphs, and in more detail in the following
sections. Figure 11 shows the configuration of the PLDs.
The DPLD performs address decoding for internal components, such as memory, registers,
and I/O ports Select signals.
The CPLD can be used for logic functions, such as loadable counters and shift registers,
state machines, and encoding and decoding logic. These logic functions can be constructed
using the 16 output macrocells (OMC), 24 input macrocells (IMC), and the AND Array. The
CPLD can also be used to generate External Chip Select (ECS0-ECS2) signals.
The AND Array is used to form product terms. These product terms are specified using
PSDsoft Express. An input Bus consisting of 82 signals is connected to the PLDs. The
signals are shown in Table 31.
The Turbo bit in PSD
The PLDs in the PSD4235G2V can minimize power consumption by switching to standby
when inputs remain unchanged for an extended time of about 70 ns. Resetting the Turbo bit
to ’0’ (Bit 3 of the PMMR0 register) automatically places the PLDs into standby if no inputs
are changing. Turning the Turbo mode off increases propagation delays while reducing
power consumption. See Section 20: Power management, on how to set the Turbo bit.
Additionally, five bits are available in the PMMR2 register to block MCU control signals from
entering the PLDs. This reduces power consumption and can be used only when these
MCU control signals are not used in PLD logic equations.
Each of the two PLDs has unique characteristics suited for its applications. They are
described in the following sections.
Table 31.
DPLD and CPLD inputs
Input source
Input name
Number of
signals
MCU address bus(1)
A15-A0
16
MCU control signals
CNTL0-CNTL2
3
Reset
RST
1
Power-down
PDN
1
Port A input macrocells
PA7-PA0
8
Port B input macrocells
PB7-PB0
8
Port C input macrocells
PC7-PC0
8
Port D inputs
PD3-PD0
4
Port F inputs
PF7-PF0
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com