Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSD4235G2V Datasheet(PDF) 85 Page - STMicroelectronics

Part # PSD4235G2V
Description  Flash in-system programmable (ISP) peripherals for 16-bit MCUs (3.3 V supply)
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD4235G2V Datasheet(HTML) 85 Page - STMicroelectronics

Back Button PSD4235G2V_09 Datasheet HTML 81Page - STMicroelectronics PSD4235G2V_09 Datasheet HTML 82Page - STMicroelectronics PSD4235G2V_09 Datasheet HTML 83Page - STMicroelectronics PSD4235G2V_09 Datasheet HTML 84Page - STMicroelectronics PSD4235G2V_09 Datasheet HTML 85Page - STMicroelectronics PSD4235G2V_09 Datasheet HTML 86Page - STMicroelectronics PSD4235G2V_09 Datasheet HTML 87Page - STMicroelectronics PSD4235G2V_09 Datasheet HTML 88Page - STMicroelectronics PSD4235G2V_09 Datasheet HTML 89Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 124 page
background image
PSD4235G2V
I/O ports
85/124
Figure 28.
Port A, B and C structure
19.22
Port D - functionality and structure
Port D has four I/O pins. See Figure 29. Port D can be configured to perform one or more of
the following functions:
●
MCU I/O mode
●
CPLD input - direct input to the CPLD, no input macrocells (IMC)
Port D pins can be configured in PSDsoft Express as input pins for other dedicated
functions:
●
Address Strobe (ALE/AS, PD0)
●
CLKIN (PD1) as input to the macrocells Flip-flops and APD counter
●
PSD Chip Select input (CSI, PD2). Driving this signal high disables the Flash memory,
SRAM and CSIOP.
●
Write Enable high-byte (WRH, PD3) input, or as DBE input from a MC68HC912.
DATA OUT
Register
DQ
DQ
WR
WR
MCELLA7-MCELLA0 (Port A)
MCELLB7-MCELLB0 (Port B)
Ext.CS (Port C)
ENABLE PRODUCT TERM (.OE)
READ MUX
P
D
B
CPLD - INPUT
DIR Register
INPUT
MACROCELL
ENABLE OUT
DATA IN
OUTPUT
MUX
PORT Pin
DATA OUT
AI04936
OUTPUT
SELECT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com