Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CDK8307DILP64 Datasheet(PDF) 6 Page - Cadeka Microcircuits LLC.

Part # CDK8307DILP64
Description  12/13-bit, 20/40/50/65/80MSPS, Eight Channel, Ultra Low Power ADC with LVDS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CDK8307DILP64 Datasheet(HTML) 6 Page - Cadeka Microcircuits LLC.

Back Button CDK8307DILP64 Datasheet HTML 2Page - Cadeka Microcircuits LLC. CDK8307DILP64 Datasheet HTML 3Page - Cadeka Microcircuits LLC. CDK8307DILP64 Datasheet HTML 4Page - Cadeka Microcircuits LLC. CDK8307DILP64 Datasheet HTML 5Page - Cadeka Microcircuits LLC. CDK8307DILP64 Datasheet HTML 6Page - Cadeka Microcircuits LLC. CDK8307DILP64 Datasheet HTML 7Page - Cadeka Microcircuits LLC. CDK8307DILP64 Datasheet HTML 8Page - Cadeka Microcircuits LLC. CDK8307DILP64 Datasheet HTML 9Page - Cadeka Microcircuits LLC. CDK8307DILP64 Datasheet HTML 10Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
©2009 CADEKA Microcircuits LLC
www.cadeka.com
6
Data Sheet
Pin No.
Pin Name
Description
26
LCLKN
LVDS bit clock, negative output
51, 54, 55, 56
NC
Not connected
52
TP
Test pin. Leave open (un-connected) or connect to GND.
53
VCM
Common mode output pin, 0.5 AVDD
58
CLKP
Positive differential input clock
59
CLKN
Negative differential input clock.
60
OVDD
Digital CMOS inputs supply voltage (1.7V to 3.6V)
61
CSN
Chip select enable. Active low.
62
SDATA
Serial data input
63
SCLK
Serial clock input
64
RESETN
Reset SPI interface
Pin Assignments QFN
(Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com