Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CDK8307DILP64 Datasheet(PDF) 12 Page - Cadeka Microcircuits LLC.

Part # CDK8307DILP64
Description  12/13-bit, 20/40/50/65/80MSPS, Eight Channel, Ultra Low Power ADC with LVDS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CDK8307DILP64 Datasheet(HTML) 12 Page - Cadeka Microcircuits LLC.

Back Button CDK8307DILP64 Datasheet HTML 8Page - Cadeka Microcircuits LLC. CDK8307DILP64 Datasheet HTML 9Page - Cadeka Microcircuits LLC. CDK8307DILP64 Datasheet HTML 10Page - Cadeka Microcircuits LLC. CDK8307DILP64 Datasheet HTML 11Page - Cadeka Microcircuits LLC. CDK8307DILP64 Datasheet HTML 12Page - Cadeka Microcircuits LLC. CDK8307DILP64 Datasheet HTML 13Page - Cadeka Microcircuits LLC. CDK8307DILP64 Datasheet HTML 14Page - Cadeka Microcircuits LLC. CDK8307DILP64 Datasheet HTML 15Page - Cadeka Microcircuits LLC. CDK8307DILP64 Datasheet HTML 16Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
©2009 CADEKA Microcircuits LLC
www.cadeka.com
12
Data Sheet
Symbol
Parameter
Conditions
Min
Typ
Max
Units
SFDR
Spurious Free Dynamic Range
FIN = 8MHz
75
82
dBc
FIN = 30MHz
77
dBc
HD2
Second order Harmonic Distortion
FIN = 8MHz
85
95
dBc
FIN = 30MHz
95
dBc
HD3
Third order Harmonic Distortion
FIN = 8MHz
75
82
dBc
FIN = 30MHz
77
dBc
ENOB
Effective number of Bits
FIN = 8MHz
11.6
bits
FIN = 30MHz
11.5
bits
Crosstalk
See note (1) on page 13
95
dBc
Power Supply
Analog supply current
111
mA
Digital supply current
Digital and output driver supply
73
mA
Analog power Dissipation
200
mW
Digital power Dissipation
132
mW
Total power Dissipation
331
mW
Power Down Dissipation
Power down mode
10
µW
Sleep Mode Dissipation
Deep sleep mode
46
mW
Sleep Channel Mode Dissipation
All channels. in sleep ch. mode (light sleep)
83
mW
Sleep Channel Mode Savings
Power dissipation savings per channel off
31
mW
Clock Inputs
Maximum Conversion Rate
50
MSPS
Minimum Conversion Rate
20
MSPS
Electrical Characteristics - CDK8307D
(AVDD = 1.8V, DVDD = 1.8V, OVDD = 1.8V, 65MSPS clock, 50% clock duty cycle, -1dBFS 8MHz input signal, 14-bit output, unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Performance
SNR
Signal to Noise Ratio
FIN = 8MHz
70
72.2
dBFS
FIN = 30MHz
71.5
dBFS
SINAD
Signal to Noise and Distortion Ratio
FIN = 8MHz
69
71.5
dBFS
FIN = 30MHz
70.7
dBFS
SFDR
Spurious Free Dynamic Range
FIN = 8MHz
75
82
dBc
FIN = 30MHz
77
dBc
HD2
Second order Harmonic Distortion
FIN = 8MHz
85
95
dBc
FIN = 30MHz
95
dBc
HD3
Third order Harmonic Distortion
FIN = 8MHz
75
82
dBc
FIN = 30MHz
77
dBc
ENOB
Effective number of Bits
FIN = 8MHz
11.6
bits
FIN = 30MHz
11.5
bits
Crosstalk
See note (1) on page 13
95
dBc
Power Supply
Analog supply current
143
mA
Digital supply current
Digital and output driver supply
83
mA
Analog power Dissipation
257
mW
Digital power Dissipation
149
mW
Total power Dissipation
405
mW
Power Down Dissipation
Power down mode
10
µW
Sleep Mode Dissipation
Deep sleep mode
54
mW
Sleep Channel Mode Dissipation
All channels. in sleep ch. mode (light sleep)
103
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com