Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CDK8307DILP64 Datasheet(PDF) 10 Page - Cadeka Microcircuits LLC.

Part # CDK8307DILP64
Description  12/13-bit, 20/40/50/65/80MSPS, Eight Channel, Ultra Low Power ADC with LVDS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CDK8307DILP64 Datasheet(HTML) 10 Page - Cadeka Microcircuits LLC.

Back Button CDK8307DILP64 Datasheet HTML 6Page - Cadeka Microcircuits LLC. CDK8307DILP64 Datasheet HTML 7Page - Cadeka Microcircuits LLC. CDK8307DILP64 Datasheet HTML 8Page - Cadeka Microcircuits LLC. CDK8307DILP64 Datasheet HTML 9Page - Cadeka Microcircuits LLC. CDK8307DILP64 Datasheet HTML 10Page - Cadeka Microcircuits LLC. CDK8307DILP64 Datasheet HTML 11Page - Cadeka Microcircuits LLC. CDK8307DILP64 Datasheet HTML 12Page - Cadeka Microcircuits LLC. CDK8307DILP64 Datasheet HTML 13Page - Cadeka Microcircuits LLC. CDK8307DILP64 Datasheet HTML 14Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
©2009 CADEKA Microcircuits LLC
www.cadeka.com
10
Data Sheet
Electrical Characteristics
(AVDD = 1.8V, DVDD = 1.8V, OVDD = 1.8V, 50MSPS clock, 50% clock duty cycle, -1dBFS 8MHz input signal, 14-bit output, unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
DC Accuracy
No Missing Codes
Guaranteed
Offset Error
Offset error after digital offset cancellation
1
LSB
Gain Error
±6
%FS
Gain Matching
Gain matching between channels. ±3sigma
value at worst case conditions.
±0.5
%FS
DNL
Differential Non-Linearity
12-bit level
±0.2
LSB
INL
Integral Non-Linearity
12-bit level
±0.6
LSB
VCMO
Common Mode Voltage Output
VAVDD/2
V
Analog Input
VCMI
Input Common Mode
Analog input common mode voltage
VCM -0.1
VCM +0.2
V
VFSR
Full Scale Range
Differential input voltage range
2.0
Vpp
Input Capacitance
Differential input capacitance
2
pF
Bandwidth
Input bandwidth
500
MHz
Power Supply
AVDD
Analog Supply Voltage
1.7
1.8
2.0
V
DVDD
Digital Supply Voltage (up to 65MSPS)
Digital and output driver supply voltage
1.7
1.8
2.0
V
Digital Supply Voltage (above 65MSPS)
Digital and output driver supply voltage
1.8
1.9
2.0
V
OVDD
Digital CMOS Input Supply Voltage
1.7
1.8
3.6
V
Electrical Characteristics - CDK8307A
(AVDD = 1.8V, DVDD = 1.8V, OVDD = 1.8V, 20MSPS clock, 50% clock duty cycle, -1dBFS 8MHz input signal, 14-bit output, unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Performance
SNR
Signal to Noise Ratio
FIN = 8MHz
70
72.2
dBFS
FIN = 30MHz
71.5
dBFS
SINAD
Signal to Noise and Distortion Ratio
FIN = 8MHz
69
71.5
dBFS
FIN = 30MHz
70.7
dBFS
SFDR
Spurious Free Dynamic Range
FIN = 8MHz
75
82
dBc
FIN = 30MHz
77
dBc
HD2
Second order Harmonic Distortion
FIN = 8MHz
85
95
dBc
FIN = 30MHz
95
dBc
HD3
Third order Harmonic Distortion
FIN = 8MHz
75
82
dBc
FIN = 30MHz
77
dBc
ENOB
Effective number of Bits
FIN = 8MHz
11.6
bits
FIN = 30MHz
11.5
bits
Crosstalk
See note (1) on page 13
95
dBc
Power Supply
Analog supply current
47
mA
Digital supply current
Digital and output driver supply
54
mA
Analog power Dissipation
84
mW
Digital power Dissipation
97
mW
Total power Dissipation
180
mW
Power Down Dissipation
Power down mode
10
µW
Sleep Mode Dissipation
Deep sleep mode
30
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com