Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CDK8307DILP64 Datasheet(PDF) 14 Page - Cadeka Microcircuits LLC.

Part # CDK8307DILP64
Description  12/13-bit, 20/40/50/65/80MSPS, Eight Channel, Ultra Low Power ADC with LVDS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CDK8307DILP64 Datasheet(HTML) 14 Page - Cadeka Microcircuits LLC.

Back Button CDK8307DILP64 Datasheet HTML 10Page - Cadeka Microcircuits LLC. CDK8307DILP64 Datasheet HTML 11Page - Cadeka Microcircuits LLC. CDK8307DILP64 Datasheet HTML 12Page - Cadeka Microcircuits LLC. CDK8307DILP64 Datasheet HTML 13Page - Cadeka Microcircuits LLC. CDK8307DILP64 Datasheet HTML 14Page - Cadeka Microcircuits LLC. CDK8307DILP64 Datasheet HTML 15Page - Cadeka Microcircuits LLC. CDK8307DILP64 Datasheet HTML 16Page - Cadeka Microcircuits LLC. CDK8307DILP64 Datasheet HTML 17Page - Cadeka Microcircuits LLC. CDK8307DILP64 Datasheet HTML 18Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
©2009 CADEKA Microcircuits LLC
www.cadeka.com
14
Data Sheet
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Logic Inputs (CMOS)
VIH
High Level Input Voltage
VOVDD ≥ 3.0V
2
V
VOVDD = 1.7V – 3.0V
0.8 • VOVDD
V
VIL
Low Level Input Voltage
VOVDD ≥ 3.0V
0
0.8
V
VOVDD = 1.7V – 3.0V
0
0.2 • VOVDD
V
IIH
High Level Input Leakage Current
±10
µA
IIL
Low Level Input Leakage Current
±10
µA
CI
Input Capacitance
3
pF
Data Outputs (LVDS)
Compliance
LVDS
VOUT
Differential Output Voltage
350
mV
VCM
Output Common Mode Voltage
1.2
V
Output Coding
Default/Optional
Offset Binary/2‘s Complement
Timing Characteristics
TAP
Aperture Delay
0.8
ns
εRMS
Aperture Jitter
<0.5
ps
TPD
Start up Time from Power Down
Start up time from Power Down to Active
Mode. References have reached 99% of final
value. (See section Clock Frequency)
260
992
clock
cycles
15
µs
TSLP
Startup Time from Sleep
Start up time from Sleep Mode to Active Mode
0.5
µs
TOVR
Out Of Range Recovery Time
1
clk cycles
TLAT
Pipeline Delay
14
clk cycles
LVDS Output Timing Characterisctics
tdata
LCLK to Data Delay Time
Excluding programmable phase shift
250
ps
tPROP
Clock Propogation Delay
7 • TLVDS
+2.6
7 • TLVDS
+3.5
7 • TLVDS
+4.2
ns
LVDS Bit-Clock Duty-Cycle
45
55
% LCLK
cycle
Frame clock cycle-to-cycle jitter
2.5
% LCLK
cycle
TEDGE
Data Rise- and Fall Time
Calculated from 20% to 80%
0.4
ns
TCLKEDGE
Clock Rise- and Fall Time
Calculated from 20% to 80%
0.4
ns
Note:
(1)
Signal applied to 7 channels (FIN0). Measurement taken on one channel with full scale at FIN1. FIN1 = 8MHz, FIN0 = 9.9MHz
(2) The outputs will be functional with higher loads. However, it is recommended to keep the load on output data bits as low as possible to keep dynamic currents
and resulting switching noise at a minimum.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com