Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CDK8307DILP64 Datasheet(PDF) 2 Page - Cadeka Microcircuits LLC.

Part # CDK8307DILP64
Description  12/13-bit, 20/40/50/65/80MSPS, Eight Channel, Ultra Low Power ADC with LVDS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CDK8307DILP64 Datasheet(HTML) 2 Page - Cadeka Microcircuits LLC.

  CDK8307DILP64 Datasheet HTML 1Page - Cadeka Microcircuits LLC. CDK8307DILP64 Datasheet HTML 2Page - Cadeka Microcircuits LLC. CDK8307DILP64 Datasheet HTML 3Page - Cadeka Microcircuits LLC. CDK8307DILP64 Datasheet HTML 4Page - Cadeka Microcircuits LLC. CDK8307DILP64 Datasheet HTML 5Page - Cadeka Microcircuits LLC. CDK8307DILP64 Datasheet HTML 6Page - Cadeka Microcircuits LLC. CDK8307DILP64 Datasheet HTML 7Page - Cadeka Microcircuits LLC. CDK8307DILP64 Datasheet HTML 8Page - Cadeka Microcircuits LLC. CDK8307DILP64 Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
©2009 CADEKA Microcircuits LLC
www.cadeka.com
2
Data Sheet
Table of Contents
Features .................................................................. 1
Applications ............................................................ 1
General Description................................................ 1
Block Diagram ........................................................ 1
Table of Contents ................................................... 2
Ordering Information............................................. 3
Pin Configurations.................................................. 4
Pin Assignments .................................................. 5-8
Absolute Maximum Ratings ................................... 9
Reliability Information........................................... 9
ESD Protection........................................................ 9
Recommended Operating Conditions.................... 9
Electrical Characteristics...................................... 10
Electrical Characteristics – CDK8307A............10-11
Electrical Characteristics – CDK8307B................ 11
Electrical Characteristics – CDK8307C............11-12
Electrical Characteristics – CDK8307D............12-13
Electrical Characteristics – CDK8307E ................ 13
Digital and Timing Electrical Characteristics ..13-14
LVDS Timing Diagrams......................................... 15
Figure 1. 12-bit Output, DDR Mode......................... 15
Figure 2. 14-bit Output, DDR Mode......................... 15
Figure 3. 12-bit Output, SDR Mode......................... 15
Figure 4. Data Timing............................................ 15
Serial Interface..................................................... 16
Timing Diagram .................................................... 16
Figure 5. Serial Port Interface Timing Diagram..... 16
Table 1. Serial Port Interface Timing Definitions ... 16
Register Initialization ............................................. 16
Serial Register Map ..........................................17-18
Table 2. Summary of Functions Supported
by Serial Interface ................................17-18
Description of Serial Registers ........................18-25
Table 3. Software Reset ......................................... 18
Table 4. Power-Down Modes .................................. 18
Table 5. LVDS Drive Strength Programmability......... 19
Table 6. LVDS Output Drive Strength for
LCLK, FCLK, and Data ............................... 19
Table 7. LVDS Internal Termination
Programmability ....................................... 20
Table 8. LVDS Output Internal Termination.............. 20
Table 9. Analog Input Invert................................... 20
Table 10. LVDS Test Patterns.................................. 21
Table 11. Programmable Gain................................. 21
Table 12. Gain Setting for Channels 1-8 .................. 22
Table 13. LVDS Clock Programmability and
Data Output Modes................................. 22
Figure 6. Phase Programmability Modes for LCLK..... 23
Figure 7. SDR Interface Modes ............................... 23
Table 14. Number of Serial Output Bits ................... 23
Figure 8. LVDS Output Timing Adjustment .............. 24
Table 15. Full Scale Control .................................... 24
Table 16. Register Values with Corresponding
Charge in Full-Scale Range ...................... 25
Table 17. Clock Frequency...................................... 25
Table 18. Clock Frequency Settings......................... 25
Table 19. Performance Control................................ 25
Table 20. Performance Control Settings................... 26
Table 21. External Common Mode Voltage
Buffer Driving Strength ........................... 26
Theory of Operation ............................................. 27
Recommended Usage........................................... 27
Analog Input......................................................... 27
Figure 9. Input Configuration Diagram ................ 27
DC-Coupling.......................................................... 27
Figure 10. DC-Coupled Input .............................. 27
AC-Coupling.......................................................... 28
Figure 11. Transformer Coupled Input ................. 28
Figure 12. AC-Coupled Input .............................. 28
Figure 13. Alternative Input Network................... 28
Clock Input and Jitter Considerations ...................... 29
Mechanical Dimensions ...................................30-31
QFN-64 Package.................................................... 30
TQFP-80 Package .................................................. 31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com