Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F52108ADFF Datasheet(PDF) 78 Page - Renesas Technology Corp

Part # R5F52108ADFF
Description  50-MHz 32-bit RX MCUs, 78 DMIPS, up to 512-KB flash memory, 12-bit AD, 10-bit DA
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F52108ADFF Datasheet(HTML) 78 Page - Renesas Technology Corp

Back Button R5F52108ADFF Datasheet HTML 74Page - Renesas Technology Corp R5F52108ADFF Datasheet HTML 75Page - Renesas Technology Corp R5F52108ADFF Datasheet HTML 76Page - Renesas Technology Corp R5F52108ADFF Datasheet HTML 77Page - Renesas Technology Corp R5F52108ADFF Datasheet HTML 78Page - Renesas Technology Corp R5F52108ADFF Datasheet HTML 79Page - Renesas Technology Corp R5F52108ADFF Datasheet HTML 80Page - Renesas Technology Corp R5F52108ADFF Datasheet HTML 81Page - Renesas Technology Corp R5F52108ADFF Datasheet HTML 82Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 92 page
background image
R01DS0041EJ0050 Rev.0.50
Page 78 of 90
Apr 15, 2011
RX210 Group
4. I/O Registers
Under development Preliminary document
Specifications in this document are tentative and subject to change.
○○○
0008 B129h
ELC
Event link port setting register 0
PEL0
8
8
2, 3 PCLKB
2 ICLK
○○○
0008 B12Ah
ELC
Event link port setting register 1
PEL1
8
8
2, 3 PCLKB
2 ICLK
○○○
0008 B12Bh
ELC
Event link port setting register 2
PEL2
8
8
2, 3 PCLKB
2 ICLK
○○○
0008 B12Ch
ELC
Event link port setting register 3
PEL3
8
8
2, 3 PCLKB
2 ICLK
○○○
0008 B12Dh
ELC
Event link software event generation register
ELSEGR
8
8
2, 3 PCLKB
2 ICLK
○○○
0008 B300h
SCI12
Serial mode register
SMR
8
8
2, 3 PCLKB
2 ICLK
○○○
0008 B301h
SCI12
Bit rate register
BRR
8
8
2, 3 PCLKB
2 ICLK
○○○
0008 B302h
SCI12
Serial control register
SCR
8
8
2, 3 PCLKB
2 ICLK
○○○
0008 B303h
SCI12
Transmit data register
TDR
8
8
2, 3 PCLKB
2 ICLK
○○○
0008 B304h
SCI12
Serial status register
SSR
8
8
2, 3 PCLKB
2 ICLK
○○○
0008 B305h
SCI12
Receive data register
RDR
8
8
2, 3 PCLKB
2 ICLK
○○○
0008 B306h
SCI12
Smart card mode register
SCMR
8
8
2, 3 PCLKB
2 ICLK
○○○
0008 B307h
SCI12
Serial extended mode register
SEMR
8
8
2, 3 PCLKB
2 ICLK
○○○
0008 B308h
SCI12
Noise filter setting register
SNFR
8
8
2, 3 PCLKB
2 ICLK
○○○
0008 B309h
SCI12
I2C mode register 1
SIMR1
8
8
2, 3 PCLKB
2 ICLK
○○○
0008 B30Ah
SCI12
I2C mode register 2
SIMR2
8
8
2, 3 PCLKB
2 ICLK
○○○
0008 B30Bh
SCI12
I2C mode register 3
SIMR3
8
8
2, 3 PCLKB
2 ICLK
○○○
0008 B30Ch
SCI12
I2C status register
SISR
8
8
2, 3 PCLKB
2 ICLK
○○○
0008 B30Dh
SCI12
SPI mode register
SPMR
8
8
2, 3 PCLKB
2 ICLK
○○○
0008 B320h
SCI12
Extended serial mode enable register
ESMER
8
8
2, 3 PCLKB
2 ICLK
○○○
0008 B321h
SCI12
Control register 0
CR0
8
8
2, 3 PCLKB
2 ICLK
○○○
0008 B322h
SCI12
Control register 1
CR1
8
8
2, 3 PCLKB
2 ICLK
○○○
0008 B323h
SCI12
Control register 2
CR2
8
8
2, 3 PCLKB
2 ICLK
○○○
0008 B324h
SCI12
Control register 3
CR3
8
8
2, 3 PCLKB
2 ICLK
○○○
0008 B325h
SCI12
Port control register
PCR
8
8
2, 3 PCLKB
2 ICLK
○○○
0008 B326h
SCI12
Interrupt control register
ICR
8
8
2, 3 PCLKB
2 ICLK
○○○
0008 B327h
SCI12
status register
STR
8
8
2, 3 PCLKB
2 ICLK
○○○
0008 B328h
SCI12
Status clear register
STCR
8
8
2, 3 PCLKB
2 ICLK
○○○
0008 B329h
SCI12
Control Field 0 data register
CF0DR
8
8
2, 3 PCLKB
2 ICLK
○○○
0008 B32Ah
SCI12
Control Field 0 compare enable register
CF0CR
8
8
2, 3 PCLKB
2 ICLK
○○○
0008 B32Bh
SCI12
Control Field 0 receive data register
CF0RR
8
8
2, 3 PCLKB
2 ICLK
○○○
0008 B32Ch
SCI12
Primary control field 1 data register
PCF1DR
8
8
2, 3 PCLKB
2 ICLK
○○○
0008 B32Dh
SCI12
Secondary control field 1 data register
SCF1DR
8
8
2, 3 PCLKB
2 ICLK
○○○
0008 B32Eh
SCI12
Control field 1 compare enable register
CF1CR
8
8
2, 3 PCLKB
2 ICLK
○○○
0008 B32Fh
SCI12
Control field 1 receive data register
CF1RR
8
8
2, 3 PCLKB
2 ICLK
○○○
0008 B330h
SCI12
Timer control register
TCR
8
8
2, 3 PCLKB
2 ICLK
○○○
0008 B331h
SCI12
Timer mode register
TMR
8
8
2, 3 PCLKB
2 ICLK
○○○
0008 B332h
SCI12
Timer prescaler register
TPRE
8
8
2, 3 PCLKB
2 ICLK
○○○
0008 B333h
SCI12
Timer count register
TCNT
8
8
2, 3 PCLKB
2 ICLK
○○○
0008 C000h
PORT0
Port direction register
PDR
8
8
2, 3 PCLKB
2 ICLK
○○○
0008 C001h
PORT1
Port direction register
PDR
8
8
2, 3 PCLKB
2 ICLK
○○○
0008 C002h
PORT2
Port direction register
PDR
8
8
2, 3 PCLKB
2 ICLK
○○○
0008 C003h
PORT3
Port direction register
PDR
8
8
2, 3 PCLKB
2 ICLK
○○○
0008 C004h
PORT4
Port direction register
PDR
8
8
2, 3 PCLKB
2 ICLK
○○○
0008 C005h
PORT5
Port direction register
PDR
8
8
2, 3 PCLKB
2 ICLK
○○○
0008 C00Ah
PORTA
Port direction register
PDR
8
8
2, 3 PCLKB
2 ICLK
○○○
0008 C00Bh
PORTB
Port direction register
PDR
8
8
2, 3 PCLKB
2 ICLK
○○○
0008 C00Ch
PORTC
Port direction register
PDR
8
8
2, 3 PCLKB
2 ICLK
○○ — 0008 C00Dh
PORTD
Port direction register
PDR
8
8
2, 3 PCLKB
2 ICLK
○○○
0008 C00Eh
PORTE
Port direction register
PDR
8
8
2, 3 PCLKB
2 ICLK
○○○
0008 C011h
PORTH
Port direction register
PDR
8
8
2, 3 PCLKB
2 ICLK
○○ — 0008 C012h
PORTJ
Port direction register
PDR
8
8
2, 3 PCLKB
2 ICLK
Table 4.1
List of I/O Registers (Address Order) (16 / 21)
Address
Module
Symbol
Register Name
Register
Symbol
Number
of Bits
Access
Size
Number of Access States
ICLK
PCLK ICLK < PCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com