Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F52108ADFF Datasheet(PDF) 31 Page - Renesas Technology Corp

Part # R5F52108ADFF
Description  50-MHz 32-bit RX MCUs, 78 DMIPS, up to 512-KB flash memory, 12-bit AD, 10-bit DA
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F52108ADFF Datasheet(HTML) 31 Page - Renesas Technology Corp

Back Button R5F52108ADFF Datasheet HTML 27Page - Renesas Technology Corp R5F52108ADFF Datasheet HTML 28Page - Renesas Technology Corp R5F52108ADFF Datasheet HTML 29Page - Renesas Technology Corp R5F52108ADFF Datasheet HTML 30Page - Renesas Technology Corp R5F52108ADFF Datasheet HTML 31Page - Renesas Technology Corp R5F52108ADFF Datasheet HTML 32Page - Renesas Technology Corp R5F52108ADFF Datasheet HTML 33Page - Renesas Technology Corp R5F52108ADFF Datasheet HTML 34Page - Renesas Technology Corp R5F52108ADFF Datasheet HTML 35Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 92 page
background image
R01DS0041EJ0050 Rev.0.50
Page 31 of 90
Apr 15, 2011
RX210 Group
2. CPU
Under development Preliminary document
Specifications in this document are tentative and subject to change.
2.2.2.4
Processor Status Word (PSW)
Note 1. In user mode, writing to the IPL[3:0], PM, U, and I bits by an MVTC or a POPC instruction is ignored. Writing to the IPL[3:0] bits
by an MVTIPL instruction generates a privileged instruction exception.
Note 2. In supervisor mode, writing to the PM bit by an MVTC or a POPC instruction is ignored, but writing to the other bits is possible.
Note 3. Switching from supervisor mode to user mode requires execution of an RTE instruction after having set the PSW.PM bit saved on
the stack to 1 or executing an RTFI instruction after having set the BPSW.PM bit to 1.
b31
b30
b29
b28
b27
b26
b25
b24
b23
b22
b21
b20
b19
b18
b17
b16
————
IPL[3:0]
———
PM
——
U
I
Value after reset:
00000
0000000
0000
b15
b14
b13
b12
b11
b10
b9
b8
b7
b6
b5
b4
b3
b2
b1
b0
——————
——————
O
S
Z
C
Value after reset:
00000
0000000
0000
Bit
Symbol
Bit Name
Description
R/W
b0
C
Carry Flag
0: No carry has occurred.
1: A carry has occurred.
R/W
b1
Z
Zero Flag
0: Result is non-zero.
1: Result is 0.
R/W
b2
S
Sign Flag
0: Result is a positive value or 0.
1: Result is a negative value.
R/W
b3
O
Overflow Flag
0: No overflow has occurred.
1: An overflow has occurred.
R/W
b15 to b4
—
Reserved
These bits are always read as 0. The write value should be 0.
R/W
b16
I*1
Interrupt Enable
0: Interrupt disabled.
1: Interrupt enabled.
R/W
b17
U*1
Stack Pointer Select
0: Interrupt stack pointer (ISP) is selected.
1: User stack pointer (USP) is selected.
R/W
b19, b18
—
Reserved
These bits are always read as 0. The write value should be 0.
R/W
b20
PM*1,*2,*3
Processor Mode Select
0: Supervisor mode is selected.
1: User mode is selected.
R/W
b23 to b21
—
Reserved
These bits are always read as 0. The write value should be 0.
R/W
b27 to b24
IPL[3:0]*1
Processor Interrupt Priority Level
b27
b24
0 0 0 0: Priority level 0 (lowest)
0 0 0 1: Priority level 1
0 0 1 0: Priority level 2
0 0 1 1: Priority level 3
0 1 0 0: Priority level 4
0 1 0 1: Priority level 5
0 1 1 0: Priority level 6
0 1 1 1: Priority level 7
1 0 0 0: Priority level 8
1 0 0 1: Priority level 9
1 0 1 0: Priority level 10
1 0 1 1: Priority level 11
1 1 0 0: Priority level 12
1 1 0 1: Priority level 13
1 1 1 0: Priority level 14
1 1 1 1: Priority level 15 (highest)
R/W
b31 to b28
—
Reserved
These bits are always read as 0. The write value should be 0.
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com