Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F52108ADFF Datasheet(PDF) 82 Page - Renesas Technology Corp

Part # R5F52108ADFF
Description  50-MHz 32-bit RX MCUs, 78 DMIPS, up to 512-KB flash memory, 12-bit AD, 10-bit DA
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F52108ADFF Datasheet(HTML) 82 Page - Renesas Technology Corp

Back Button R5F52108ADFF Datasheet HTML 78Page - Renesas Technology Corp R5F52108ADFF Datasheet HTML 79Page - Renesas Technology Corp R5F52108ADFF Datasheet HTML 80Page - Renesas Technology Corp R5F52108ADFF Datasheet HTML 81Page - Renesas Technology Corp R5F52108ADFF Datasheet HTML 82Page - Renesas Technology Corp R5F52108ADFF Datasheet HTML 83Page - Renesas Technology Corp R5F52108ADFF Datasheet HTML 84Page - Renesas Technology Corp R5F52108ADFF Datasheet HTML 85Page - Renesas Technology Corp R5F52108ADFF Datasheet HTML 86Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 92 page
background image
R01DS0041EJ0050 Rev.0.50
Page 82 of 90
Apr 15, 2011
RX210 Group
4. I/O Registers
Under development Preliminary document
Specifications in this document are tentative and subject to change.
○○○
0008 C1C9h
MPC
Port H1 pin control select register
PH1PFS
8
8
2, 3 PCLKB
2 ICLK
○○○
0008 C1CAh
MPC
Port H2 pin control select register
PH2PFS
8
8
2, 3 PCLKB
2 ICLK
○○○
0008 C1CBh
MPC
Port H3 pin control select register
PH3PFS
8
8
2, 3 PCLKB
2 ICLK
○○ — 0008 C1D1h
MPC
Port J1 pin control select register
PJ1PFS
8
8
2, 3 PCLKB
2 ICLK
○ — — 0008 C1D3h
MPC
Port J3 pin control select register
PJ3PFS
8
8
2, 3 PCLKB
2 ICLK
○○○
0008 C280h
SYSTEM
Deep standby control register
DPSBYCR
8
8
4, 5 PCLKB
2, 3 ICLK
○○○
0008 C282h
SYSTEM
Deep standby interrupt enable register 0
DPSIER0
8
8
4, 5 PCLKB
2, 3 ICLK
○○○
0008 C284h
SYSTEM
Deep standby interrupt enable register 2
DPSIER2
8
8
4, 5 PCLKB
2, 3 ICLK
○○○
0008 C286h
SYSTEM
Deep standby interrupt flag register 0
DPSIFR0
8
8
4, 5 PCLKB
2, 3 ICLK
○○○
0008 C288h
SYSTEM
Deep standby interrupt flag register 2
DPSIFR2
8
8
4, 5 PCLKB
2, 3 ICLK
○○○
0008 C28Ah
SYSTEM
Deep standby interrupt edge register 0
DPSIEGR0
8
8
4, 5 PCLKB
2, 3 ICLK
○○○
0008 C28Ch
SYSTEM
Deep standby interrupt edge register 2
DPSIEGR2
8
8
4, 5 PCLKB
2, 3 ICLK
○○○
0008 C28Fh
SYSTEM
Flash HOCO software standy control register
FHSSBYCR
8
8
4, 5 PCLKB
2, 3 ICLK
○○○
0008 C290h
SYSTEM
Reset status register 0
RSTSR0
8
8
4, 5 PCLKB
2, 3 ICLK
○○○
0008 C291h
SYSTEM
Reset status register 1
RSTSR1
8
8
4, 5 PCLKB
2, 3 ICLK
○○○
0008 C293h
SYSTEM
Main clock oscillator forced oscillation control register
MOFCR
8
8
4, 5 PCLKB
2, 3 ICLK
○○○
0008 C294h
SYSTEM
High-speed clock oscillator power supply control register
HOCOPCR
8
8
4, 5 PCLKB
2, 3 ICLK
○○○
0008 C296h
FLASH
Flash write erase protection register
FWEPROR
8
8
4, 5 PCLKB
2, 3 ICLK
○○○
0008 C297h
SYSTEM
Voltage monitoring circuit/comparator A control register
LVCMPCR
8
8
4, 5 PCLKB
2, 3 ICLK
○○○
0008 C298h
SYSTEM
Voltage detection level select register
LVDLVLR
8
8
4, 5 PCLKB
2, 3 ICLK
○○○
0008 C29Ah
SYSTEM
Voltage monitoring 1 circuit/comparator A1 control register 0
LVD1CR0
8
8
4, 5 PCLKB
2, 3 ICLK
○○○
0008 C29Bh
SYSTEM
Voltage monitoring 2 circuit/comparator A2 control register 0
LVD2CR0
8
8
4, 5 PCLKB
2, 3 ICLK
○○○
0008 C2A0h to
0008 C2BFh
SYSTEM
Deep standby backup register 0 to 31
DPSBKR0 to
DPSBKR31
8
8
4, 5 PCLKB
2, 3 ICLK
○○○
0008 C400h
RTC
64-Hz counter
R64CNT
8
8
2, 3 PCLKB
2 ICLK
○○○
0008 C402h
RTC
Second counter
RSECCNT
8
8
2, 3 PCLKB
2 ICLK
○○○
0008 C404h
RTC
Minute counter
RMINCNT
8
8
2, 3 PCLKB
2 ICLK
○○○
0008 C406h
RTC
Hour counter
RHRCNT
8
8
2, 3 PCLKB
2 ICLK
○○○
0008 C408h
RTC
Day-of-week counter
RWKCNT
8
8
2, 3 PCLKB
2 ICLK
○○○
0008 C40Ah
RTC
Date counter
RDAYCNT
8
8
2, 3 PCLKB
2 ICLK
○○○
0008 C40Ch
RTC
Month counter
RMONCNT
8
8
2, 3 PCLKB
2 ICLK
○○○
0008 C40Eh
RTC
Year counter
RYRCNT
16
16
2, 3 PCLKB
2 ICLK
○○○
0008 C410h
RTC
Second alarm register
RSECAR
8
8
2, 3 PCLKB
2 ICLK
○○○
0008 C412h
RTC
Minute alarm register
RMINAR
8
8
2, 3 PCLKB
2 ICLK
○○○
0008 C414h
RTC
Hour alarm register
RHRAR
8
8
2, 3 PCLKB
2 ICLK
○○○
0008 C416h
RTC
Day-of-week alarm register
RWKAR
8
8
2, 3 PCLKB
2 ICLK
○○○
0008 C418h
RTC
Date alarm register
RDAYAR
8
8
2, 3 PCLKB
2 ICLK
○○○
0008 C41Ah
RTC
Month alarm register
RMONAR
8
8
2, 3 PCLKB
2 ICLK
○○○
0008 C41Ch
RTC
Year alarm register
RYRAR
16
16
2, 3 PCLKB
2 ICLK
○○○
0008 C41Eh
RTC
Year alarm enable register
RYRAREN
8
8
2, 3 PCLKB
2 ICLK
○○○
0008 C422h
RTC
RTC control register 1
RCR1
8
8
2, 3 PCLKB
2 ICLK
○○○
0008 C424h
RTC
RTC control register 2
RCR2
8
8
2, 3 PCLKB
2 ICLK
○○○
0008 C426h
RTC
RTC control register 3
RCR3
8
8
2, 3 PCLKB
2 ICLK
○○○
0008 C42Eh
RTC
Time error adjustment register
RADJ
8
8
2, 3 PCLKB
2 ICLK
○○○
0008 C440h
RTC
Time capture control register 0
RTCCR0
8
8
2, 3 PCLKB
2 ICLK
○○○
0008 C442h
RTC
Time capture control register 1
RTCCR1
8
8
2, 3 PCLKB
2 ICLK
○○○
0008 C444h
RTC
Time capture control register 2
RTCCR2
8
8
2, 3 PCLKB
2 ICLK
○○○
0008 C452h
RTC
Second capture register 0
RSECCP0
8
8
2, 3 PCLKB
2 ICLK
○○○
0008 C454h
RTC
Minute capture register 0
RMINCP0
8
8
2, 3 PCLKB
2 ICLK
○○○
0008 C456h
RTC
Hour capture register 0
RHRCP0
8
8
2, 3 PCLKB
2 ICLK
○○○
0008 C45Ah
RTC
Date capture register 0
RDAYCP0
8
8
2, 3 PCLKB
2 ICLK
○○○
0008 C45Ch
RTC
Month capture register 0
RMONCP0
8
8
2, 3 PCLKB
2 ICLK
Table 4.1
List of I/O Registers (Address Order) (20 / 21)
Address
Module
Symbol
Register Name
Register
Symbol
Number
of Bits
Access
Size
Number of Access States
ICLK
PCLK ICLK < PCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com