Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F52108ADFF Datasheet(PDF) 27 Page - Renesas Technology Corp

Part # R5F52108ADFF
Description  50-MHz 32-bit RX MCUs, 78 DMIPS, up to 512-KB flash memory, 12-bit AD, 10-bit DA
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F52108ADFF Datasheet(HTML) 27 Page - Renesas Technology Corp

Back Button R5F52108ADFF Datasheet HTML 23Page - Renesas Technology Corp R5F52108ADFF Datasheet HTML 24Page - Renesas Technology Corp R5F52108ADFF Datasheet HTML 25Page - Renesas Technology Corp R5F52108ADFF Datasheet HTML 26Page - Renesas Technology Corp R5F52108ADFF Datasheet HTML 27Page - Renesas Technology Corp R5F52108ADFF Datasheet HTML 28Page - Renesas Technology Corp R5F52108ADFF Datasheet HTML 29Page - Renesas Technology Corp R5F52108ADFF Datasheet HTML 30Page - Renesas Technology Corp R5F52108ADFF Datasheet HTML 31Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 92 page
background image
R01DS0041EJ0050 Rev.0.50
Page 27 of 90
Apr 15, 2011
RX210 Group
2. CPU
Under development Preliminary document
Specifications in this document are tentative and subject to change.
2.
CPU
The RX210 Group is an MCU with the high-speed, high-performance RX CPU as its core.
A variable-length instruction format has been adopted for the RX CPU. Allocating the more frequently used instructions
to the shorter instruction lengths facilitates the development of efficient programs that take up less memory.
The CPU has 73 basic instructions and and nine DSP instructions, for a total of 82 instructions. It has 10 addressing
modes and caters to register–register operations, register–memory operations, immediate–register operations,
immediate–memory operations, memory–memory transfer, and bitwise operations. High-speed operation was realized
by achieving execution in a single cycle not only for register–register operations, but also for other types of multiple
instructions. The CPU includes an internal multiplier and an internal divider for high-speed multiplication and division.
The RX CPU has a five-stage pipeline for processing instructions. The stages are instruction fetching, instruction
decoding, execution, memory access, and write-back. In cases where pipeline processing is drawn-out by memory
access, subsequent operations may in fact be executed earlier. By adopting “out-of-order completion” of this kind, the
execution of instructions is controlled to optimize numbers of clock cycles.
2.1
Features
 High instruction execution rate: One instruction in one clock cycle
 Address space: 4-Gbyte linear
 Register set of the CPU
General purpose: Sixteen 32-bit registers
Control: Eight 32-bit registers
Accumulator: One 64-bit register
 Basic instructions: 73 (arithmetic/logic instructions, data-transfer instructions, branch instructions, bit-manipulation
instructions, string-manipulation instructions, and system-manipulation instructions)
Relative branch instructions to suit branch distances
Variable-length instruction format (lengths from one to eight bytes)
Short formats for frequently used instructions
 DSP instructions: 9
Supports 16-bit
 16-bit multiplication and multiply-and-accumulate operations.
Rounds the data in the accumulator.
 Addressing modes: 10
 Five-stage pipeline
Adoption of out-of-order completion
 Processor modes
A supervisor mode and a user mode are supported.
 Data arrangement
Selectable as little endian or big endian



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com