Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F21364MDFD Datasheet(PDF) 40 Page - Renesas Technology Corp

Part # R5F21364MDFD
Description  The R8C/36M Group has data flash (1 KB 횞 4 blocks) with the background operation
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F21364MDFD Datasheet(HTML) 40 Page - Renesas Technology Corp

Back Button R5F21364MDFD Datasheet HTML 36Page - Renesas Technology Corp R5F21364MDFD Datasheet HTML 37Page - Renesas Technology Corp R5F21364MDFD Datasheet HTML 38Page - Renesas Technology Corp R5F21364MDFD Datasheet HTML 39Page - Renesas Technology Corp R5F21364MDFD Datasheet HTML 40Page - Renesas Technology Corp R5F21364MDFD Datasheet HTML 41Page - Renesas Technology Corp R5F21364MDFD Datasheet HTML 42Page - Renesas Technology Corp R5F21364MDFD Datasheet HTML 43Page - Renesas Technology Corp R5F21364MDFD Datasheet HTML 44Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 61 page
background image
R8C/36M Group
5. Electrical Characteristics
Under development Preliminary document
Specifications in this document are tentative and subject to change.
R01DS0086EJ0010 Rev.0.10
Page 40 of 58
Mar 09, 2011
Notes:
1. VCC = 1.8 to 5.5 V, VSS = 0 V, and Topr =
−20 to 85 °C (N version)/−40 to 85 °C (D version), unless otherwise specified.
2. 1tCYC = 1/f1(s)
Table 5.16
Timing Requirements of Synchronous Serial Communication Unit (SSU)
Symbol
Parameter
Conditions
Standard
Unit
Min.
Typ.
Max.
tSUCYC
SSCK clock cycle time
4
—
—
tCYC (2)
tHI
SSCK clock “H” width
0.4
—
0.6
tSUCYC
tLO
SSCK clock “L” width
0.4
—
0.6
tSUCYC
tRISE
SSCK clock rising
time
Master
—
—
1
tCYC (2)
Slave
—
—
1
µs
tFALL
SSCK clock falling
time
Master
—
—
1
tCYC (2)
Slave
—
—
1
µs
tSU
SSO, SSI data input setup time
100
—
—
ns
tH
SSO, SSI data input hold time
1
—
—
tCYC (2)
tLEAD
SCS setup time
Slave
1tCYC + 50
—
—
ns
tLAG
SCS hold time
Slave
1tCYC + 50
—
—
ns
tOD
SSO, SSI data output delay time
—
—
1
tCYC (2)
tSA
SSI slave access time
2.7 V
≤ VCC ≤ 5.5 V
—
—
1.5tCYC + 100
ns
1.8 V
≤ VCC < 2.7 V
—
—
1.5tCYC + 200
ns
tOR
SSI slave out open time
2.7 V
≤ VCC ≤ 5.5 V
—
—
1.5tCYC + 100
ns
1.8 V
≤ VCC < 2.7 V
—
—
1.5tCYC + 200
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com