Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F21364MDFD Datasheet(PDF) 56 Page - Renesas Technology Corp

Part # R5F21364MDFD
Description  The R8C/36M Group has data flash (1 KB 횞 4 blocks) with the background operation
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F21364MDFD Datasheet(HTML) 56 Page - Renesas Technology Corp

Back Button R5F21364MDFD Datasheet HTML 52Page - Renesas Technology Corp R5F21364MDFD Datasheet HTML 53Page - Renesas Technology Corp R5F21364MDFD Datasheet HTML 54Page - Renesas Technology Corp R5F21364MDFD Datasheet HTML 55Page - Renesas Technology Corp R5F21364MDFD Datasheet HTML 56Page - Renesas Technology Corp R5F21364MDFD Datasheet HTML 57Page - Renesas Technology Corp R5F21364MDFD Datasheet HTML 58Page - Renesas Technology Corp R5F21364MDFD Datasheet HTML 59Page - Renesas Technology Corp R5F21364MDFD Datasheet HTML 60Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 61 page
background image
R8C/36M Group
5. Electrical Characteristics
Under development Preliminary document
Specifications in this document are tentative and subject to change.
R01DS0086EJ0010 Rev.0.10
Page 56 of 58
Mar 09, 2011
i = 0 to 2
Figure 5.21
Serial Interface Timing Diagram when VCC = 2.2 V
Notes:
1. When selecting the digital filter by the INTi input filter select bit, use an INTi input HIGH width of either (1/digital filter clock
frequency × 3) or the minimum value of standard, whichever is greater.
2. When selecting the digital filter by the INTi input filter select bit, use an INTi input LOW width of either (1/digital filter clock
frequency × 3) or the minimum value of standard, whichever is greater.
Figure 5.22
Input Timing Diagram for External Interrupt INTi and Key Input Interrupt KIi
when VCC = 2.2 V
Table 5.37
Serial Interface
Symbol
Parameter
Standard
Unit
Min.
Max.
tc(CK)
CLKi input cycle time
When external clock is selected
800
−
ns
tW(CKH)
CLKi input “H” width
400
−
ns
tW(CKL)
CLKi input “L” width
400
−
ns
td(C-Q)
TXDi output delay time
−
200
ns
th(C-Q)
TXDi hold time
0
−
ns
tsu(D-C)
RXDi input setup time
150
−
ns
th(C-D)
RXDi input hold time
90
−
ns
td(C-Q)
TXDi output delay time
When internal clock is selected
−
200
ns
tsu(D-C)
RXDi input setup time
150
−
ns
th(C-D)
RXDi input hold time
90
−
ns
Table 5.38
External Interrupt INTi (i = 0 to 4) Input, Key Input Interrupt KIi (i = 0 to 3)
Symbol
Parameter
Standard
Unit
Min.
Max.
tW(INH)
INTi input “H” width, KIi input “H” width
1000 (1)
—ns
tW(INL)
INTi input “L” width, KIi input “L” width
1000 (2)
—ns
tW(CKH)
tC(CK)
tW(CKL)
th(C-Q)
th(C-D)
tsu(D-C)
td(C-Q)
CLKi
TXDi
RXDi
VCC = 2.2 V
i = 0 to 2
tW(INL)
tW(INH)
VCC = 2.2 V
INTi input
(i = 0 to 4)
KIi input
(i = 0 to 3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com