Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F21364MDFD Datasheet(PDF) 44 Page - Renesas Technology Corp

Part # R5F21364MDFD
Description  The R8C/36M Group has data flash (1 KB 횞 4 blocks) with the background operation
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F21364MDFD Datasheet(HTML) 44 Page - Renesas Technology Corp

Back Button R5F21364MDFD Datasheet HTML 40Page - Renesas Technology Corp R5F21364MDFD Datasheet HTML 41Page - Renesas Technology Corp R5F21364MDFD Datasheet HTML 42Page - Renesas Technology Corp R5F21364MDFD Datasheet HTML 43Page - Renesas Technology Corp R5F21364MDFD Datasheet HTML 44Page - Renesas Technology Corp R5F21364MDFD Datasheet HTML 45Page - Renesas Technology Corp R5F21364MDFD Datasheet HTML 46Page - Renesas Technology Corp R5F21364MDFD Datasheet HTML 47Page - Renesas Technology Corp R5F21364MDFD Datasheet HTML 48Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 61 page
background image
R8C/36M Group
5. Electrical Characteristics
Under development Preliminary document
Specifications in this document are tentative and subject to change.
R01DS0086EJ0010 Rev.0.10
Page 44 of 58
Mar 09, 2011
Notes:
1. VCC = 1.8 to 5.5 V, VSS = 0 V, and Topr =
−20 to 85 °C (N version)/−40 to 85 °C (D version), unless otherwise specified.
2. 1tCYC = 1/f1(s)
Figure 5.7
I/O Timing of I2C bus Interface
Table 5.17
Timing Requirements of I2C bus Interface
Symbol
Parameter
Condition
Standard
Unit
Min.
Typ.
Max.
tSCL
SCL input cycle time
12tCYC + 600 (2)
——
ns
tSCLH
SCL input “H” width
3tCYC + 300 (2)
——
ns
tSCLL
SCL input “L” width
5tCYC + 500 (2)
——
ns
tsf
SCL, SDA input fall time
—
—
300
ns
tSP
SCL, SDA input spike pulse rejection time
—
—
1tCYC (2)
ns
tBUF
SDA input bus-free time
5tCYC (2)
——
ns
tSTAH
Start condition input hold time
3tCYC (2)
——
ns
tSTAS
Retransmit start condition input setup time
3tCYC (2)
——
ns
tSTOP
Stop condition input setup time
3tCYC (2)
——
ns
tSDAS
Data input setup time
1tCYC + 40 (2)
——
ns
tSDAH
Data input hold time
10
—
—
ns
SDA
SCL
Notes:
1. Start condition
2. Stop condition
3. Retransmit start condition
tBUF
VIH
VIL
P (2)
S (1)
tSTAH
tSCLH
tSCLL
tSf
tSr
tSCL
tSDAH
Sr (3)
P (2)
tSDAS
tSTAS
tSP
tSTOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com