Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F21364MDFD Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # R5F21364MDFD
Description  The R8C/36M Group has data flash (1 KB 횞 4 blocks) with the background operation
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F21364MDFD Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button R5F21364MDFD Datasheet HTML 12Page - Renesas Technology Corp R5F21364MDFD Datasheet HTML 13Page - Renesas Technology Corp R5F21364MDFD Datasheet HTML 14Page - Renesas Technology Corp R5F21364MDFD Datasheet HTML 15Page - Renesas Technology Corp R5F21364MDFD Datasheet HTML 16Page - Renesas Technology Corp R5F21364MDFD Datasheet HTML 17Page - Renesas Technology Corp R5F21364MDFD Datasheet HTML 18Page - Renesas Technology Corp R5F21364MDFD Datasheet HTML 19Page - Renesas Technology Corp R5F21364MDFD Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 61 page
background image
R8C/36M Group
3. Memory
Under development Preliminary document
Specifications in this document are tentative and subject to change.
R01DS0086EJ0010 Rev.0.10
Page 16 of 58
Mar 09, 2011
3.
Memory
3.1
R8C/36M Group
Figure 3.1 is a Memory Map of R8C/36M Group. The R8C/36M Group has a 1-Mbyte address space from
addresses 00000h to FFFFFh. For example, a 64-Kbyte internal ROM area is allocated addresses 04000h to
13FFFh.
The fixed interrupt vector table is allocated addresses 0FFDCh to 0FFFFh. The starting address of each interrupt
routine is stored here.
The internal ROM (data flash) is allocated addresses 03000h to 03FFFh.
The internal RAM is allocated higher addresses, beginning with address 00400h. For example, a 6-Kbyte internal
RAM area is allocated addresses 00400h to 01BFFh. The internal RAM is used not only for data storage but also as
a stack area when a subroutine is called or when an interrupt request is acknowledged.
Special function registers (SFRs) are allocated addresses 00000h to 002FFh and 02C00h to 02FFFh (the SFR areas
for the DTC and other modules). Peripheral function control registers are allocated here. All unallocated spaces
within the SFRs are reserved and cannot be accessed by users.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com