Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F21364MDFD Datasheet(PDF) 47 Page - Renesas Technology Corp

Part # R5F21364MDFD
Description  The R8C/36M Group has data flash (1 KB 횞 4 blocks) with the background operation
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F21364MDFD Datasheet(HTML) 47 Page - Renesas Technology Corp

Back Button R5F21364MDFD Datasheet HTML 43Page - Renesas Technology Corp R5F21364MDFD Datasheet HTML 44Page - Renesas Technology Corp R5F21364MDFD Datasheet HTML 45Page - Renesas Technology Corp R5F21364MDFD Datasheet HTML 46Page - Renesas Technology Corp R5F21364MDFD Datasheet HTML 47Page - Renesas Technology Corp R5F21364MDFD Datasheet HTML 48Page - Renesas Technology Corp R5F21364MDFD Datasheet HTML 49Page - Renesas Technology Corp R5F21364MDFD Datasheet HTML 50Page - Renesas Technology Corp R5F21364MDFD Datasheet HTML 51Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 61 page
background image
R8C/36M Group
5. Electrical Characteristics
Under development Preliminary document
Specifications in this document are tentative and subject to change.
R01DS0086EJ0010 Rev.0.10
Page 47 of 58
Mar 09, 2011
Timing Requirements
(Unless Otherwise Specified: VCC = 5 V, VSS = 0 V, Topr = 25
°C)
Figure 5.8
External Clock Input Timing Diagram when VCC = 5 V
Figure 5.9
TRAIO Input Timing Diagram when VCC = 5 V
Notes:
1. When using timer RF input capture mode, adjust the cycle time to (1/timer RF count source frequency × 3) or above.
2. When using timer RF input capture mode, adjust the pulse width to (1/timer RF count source frequency × 1.5) or above.
Figure 5.10
TRFI Input Timing Diagram when VCC = 5 V
Table 5.20
External Clock Input (XOUT, XCIN)
Symbol
Parameter
Standard
Unit
Min.
Max.
tc(XOUT)
XOUT input cycle time
50
—
ns
tWH(XOUT)
XOUT input “H” width
24
—
ns
tWL(XOUT)
XOUT input “L” width
24
—
ns
tc(XCIN)
XCIN input cycle time
14
TBD
µs
tWH(XCIN)
XCIN input “H” width
7
TBD
µs
tWL(XCIN)
XCIN input “L” width
7
TBD
µs
Table 5.21
TRAIO Input
Symbol
Parameter
Standard
Unit
Min.
Max.
tc(TRAIO)
TRAIO input cycle time
100
—
ns
tWH(TRAIO)
TRAIO input “H” width
40
—
ns
tWL(TRAIO)
TRAIO input “L” width
40
—
ns
Table 5.22
TRFI Input
Symbol
Parameter
Standard
Unit
Min.
Max.
tc(TRFI)
TRFI input cycle time
400 (1)
—ns
tWH(TRFI)
TRFI input “H” width
200 (2)
—ns
tWL(TRFI)
TRFI input “L” width
200 (2)
—ns
External clock input
tWH(XOUT),
tWH(XCIN)
tC(XOUT), tC(XCIN)
tWL(XOUT), tWL(XCIN)
VCC = 5 V
TRAIO input
VCC = 5 V
tC(TRAIO)
tWL(TRAIO)
tWH(TRAIO)
tWH(TRFI)
tc(TRFI)
tWL(TRFI)
TRFI input
VCC = 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com